Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS204-80 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AS204-80
Description  GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS204-80 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AS204-80_07 Datasheet HTML 1Page - Skyworks Solutions Inc. AS204-80_07 Datasheet HTML 2Page - Skyworks Solutions Inc. AS204-80_07 Datasheet HTML 3Page - Skyworks Solutions Inc. AS204-80_07 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
April 18, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200106 Rev. B
DATA SHEET • AS204-80, AS204-80LF
2
Frequency (GHz)
Insertion Loss vs. Frequency
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
J1–J2
J1–J3
J1–J4
J1–J5
Frequency (GHz)
VSWR vs. Frequency
1.0
1.2
1.4
1.6
1.8
2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
J2–J5_On (lS11l)
J2–J5_ON (lS22l)
J2–J5_Off
Frequency (GHz)
Isolation vs. Frequency
J1–J2
J1–J3
J1–J5
-90
-80
-70
-60
-50
-40
-30
-20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
J1–J4
Typical Performance Data
VCC = 5 V, ZO = 50 Ω, unless otherwise noted
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching characteristics
Rise, fall
10/90% or 90/10% RF
75
ns
On, off
50% CTL to 90/10% RF
125
ns
Video feedthru
TRISE = 1 ns, BW = 500 MHz
50
mV
Input power for 1 dB compression
0.5–2 GHz
26
dBm
Intermodulation intercept point (IP3)
For two-tone input power 13 dBm
0.5–2 GHz
40
dBm
0.05 GHz
29
dBm
Thermal resistance
30
°C/W
Control voltages(1)
CTL1, 2 low
0
0.5
V
CTL1, 2 high
2.4
5.0
V
Supply voltage, VCC
(1)
4.8
5.2
Supply current
VCC = 5 V
500
µA
Operating Characteristics at 25 °C
VCC = 5 V, ZO = 50 Ω, unless otherwise noted
1. VCC must be powered on by a minimum of 10 ns prior to VCTL.


Similar Part No. - AS204-80_07

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS204-80 SKYWORKS-AS204-80_08 Datasheet
194Kb / 4P
   GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz
More results

Similar Description - AS204-80_07

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS204-80 SKYWORKS-AS204-80_08 Datasheet
194Kb / 4P
   GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
   GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS229-350 SKYWORKS-AS229-350_07 Datasheet
273Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-6 GHz
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
AS204-80 SKYWORKS-AS204-80 Datasheet
494Kb / 2P
   GaAs IC SP4T Non-Reflective Switch With Driver DC-3.5 GHz
logo
Analog Devices
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
   Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
   Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
   GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
logo
Skyworks Solutions Inc.
AS196-307 SKYWORKS-AS196-307 Datasheet
688Kb / 6P
   GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com