Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA102-80 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AA102-80
Description  GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA102-80 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AA102-80 Datasheet HTML 1Page - Skyworks Solutions Inc. AA102-80 Datasheet HTML 2Page - Skyworks Solutions Inc. AA102-80 Datasheet HTML 3Page - Skyworks Solutions Inc. AA102-80 Datasheet HTML 4Page - Skyworks Solutions Inc. AA102-80 Datasheet HTML 5Page - Skyworks Solutions Inc. AA102-80 Datasheet HTML 6Page - Skyworks Solutions Inc. AA102-80 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 8, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200103 Rev. B
DATA SHEET • AA102-80, AA102-80LF
4
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25 ˚C)
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85 ˚C)
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (25 ˚C)
-20
-10
0
10
20
30
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (85 ˚C)
-20
-10
0
10
20
30
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40 ˚C)
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (-40 ˚C)
-20
-10
0
10
20
30
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB


Similar Part No. - AA102-80

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
More results

Similar Description - AA102-80

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Skyworks Solutions Inc.
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
   GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Alpha Industries
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Hittite Microwave Corpo...
HMC603MS10 HITTITE-HMC603MS10 Datasheet
326Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com