Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM30DZ-M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RM30DZ-M
Description  MEDIUM POWER GENERAL USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM30DZ-M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RM30DZ-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM30DZ-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM30DZ-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb.1999
MITSUBISHI DIODE MODULES
RM30DZ/CZ-M,-H
MEDIUM POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
AC motor controllers, DC motor controllers, Battery DC power supplies,
DC power supplies for control panels, and other general DC power equipment
RM30DZ/CZ-M,-H
• IF(AV)
Average forward current ............ 30A
• VRRM
Repetitive peak reverse voltage
................400/800V
• DOUBLE ARMS
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
93.5
80
2–
φ6.5
17.5
20
20
3–M5
A1K2
(DZ)
SR2
K1
SR1
A2
A1
SR1
K1K2
SR2
A2
(CZ)
LABEL


Similar Part No. - RM30DZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30DZ-M MITSUBISHI-RM30DZ-M Datasheet
46Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM30DZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-M MITSUBISHI-RM60DZ-M Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM10T3B-M MITSUBISHI-TM10T3B-M Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20RA-M MITSUBISHI-TM20RA-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TB-H MITSUBISHI-RM30TB-H Datasheet
38Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM75TC-M MITSUBISHI-RM75TC-M Datasheet
51Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com