Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6314 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6314
Description  Dot Character VFD Controller/Driver IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6314 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6314 Datasheet HTML 7Page - Princeton Technology Corp PT6314 Datasheet HTML 8Page - Princeton Technology Corp PT6314 Datasheet HTML 9Page - Princeton Technology Corp PT6314 Datasheet HTML 10Page - Princeton Technology Corp PT6314 Datasheet HTML 11Page - Princeton Technology Corp PT6314 Datasheet HTML 12Page - Princeton Technology Corp PT6314 Datasheet HTML 13Page - Princeton Technology Corp PT6314 Datasheet HTML 14Page - Princeton Technology Corp PT6314 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6314 V1.3
- 11 -
March, 2006
Dot Character VFD Controller/Driver IC
PT6314
CONDITION 6: 1-LINE DISPLAY, RL2=“1”
The RL1 setting is irrelevant. Segment Output Pin settings are as follows:
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
SG40
38
SG23
55
NC
72
*
89
SG39
39
SG22
56
SG6
73
*
90
SG38
40
SG21
57
SG5
74
*
91
SG37
41
SG20
58
SG4
75
*
92
SG36
42
SG19
59
SG3
76
*
93
SG35
43
SG18
60
SG2
77
*
94
SG34
44
SG17
61
SG1
78
*
95
SG33
45
SG16
62
*
79
*
96
SG32
46
SG15
63
*
80
*
97
SG31
47
SG14
64
*
81
*
98
SG30
48
SG13
65
*
82
*
99
SG29
49
SG12
66
*
83
*
100
SG28
50
S G11
67
*
84
*
101
SG27
51
SG10
68
*
85
*
102
SG26
52
SG9
69
*
86
*
103
SG25
53
SG8
70
*
87
*
104
SG24
54
SG7
71
*
88
*
105
*
106
*
116
GR18
126
GR8
136
*
107
*
117
GR17
127
GR7
137
*
108
*
118
GR16
128
GR6
138
NC
109
*
119
GR15
129
GR5
139
*
110
GR24
120
GR14
130
GR4
140
*
111
GR23
121
GR13
131
GR3
141
*
112
GR22
122
GR12
132
GR2
142
*
113
GR21
123
GR11
133
GR1
143
*
114
GR20
124
GR10
134
NC
144
*
115
GR19
125
GR9
135
Note: *=Not Used


Similar Part No. - PT6314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6314 TI-PT6314 Datasheet
166Kb / 6P
[Old version datasheet]   3 Amp Adjustable Positive Step-down Integrated Switching Regulators
logo
Princeton Technology Co...
PT6314 PTC-PT6314 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
PT6314-001 PTC-PT6314-001 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
PT6314-002 PTC-PT6314-002 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
PT6314-007 PTC-PT6314-007 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
More results

Similar Description - PT6314

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
   Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
   DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16525 HOLTEK-HT16525 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
logo
Princeton Technology Co...
PT6302 PTC-PT6302_10 Datasheet
1Mb / 27P
   VFD Driver/Controller IC with Character RAM
PT6302 PTC-PT6302 Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
logo
New Japan Radio
NJU3430 NJRC-NJU3430 Datasheet
742Kb / 18P
   16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com