Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2310-SL Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2310-SL
Description  Volume Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2310-SL Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2310-SL Datasheet HTML 1Page - Princeton Technology Corp PT2310-SL Datasheet HTML 2Page - Princeton Technology Corp PT2310-SL Datasheet HTML 3Page - Princeton Technology Corp PT2310-SL Datasheet HTML 4Page - Princeton Technology Corp PT2310-SL Datasheet HTML 5Page - Princeton Technology Corp PT2310-SL Datasheet HTML 6Page - Princeton Technology Corp PT2310-SL Datasheet HTML 7Page - Princeton Technology Corp PT2310-SL Datasheet HTML 8Page - Princeton Technology Corp PT2310-SL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2310 V1.0
- 5 -
June, 2005
Volume Controller IC
PT2310
SERIAL BUS INTERFACE
The DATA, CK and STB pins consist of bus line; the bus line is for communication with the MCU and
the PT2310.
SERIAL DATA CODE
The data code is consists by L, R, D1~D4, LD, C1~C4 (totally 13 bits), at the end of the code there
needs a high strobe pulse to confirm the data code is validity.
LR D1 D2 D3 D4 D5 D6 LD C1 C2 C3 C4
CK
DATA
STB
CHIP SELECTION (C1~C4)
The Chip Selection code C1 is depending on the states of the CS pin, the CS pin in low state means the
C1 bit=0; and the CS pin in high state means the C1 bit=1. Ignore what states of the CS pin the C2, C3
and C4 bit is presets to the state 0, 1, 1.
CS
C1
C2
C3
C4
“1”
1
0
1
1
“0”
0
0
1
1
LEFT AND RIGHT CHANNEL CONTROL CODE
In the DATA code, the “L” bit is for left channel and the “R” is for right channel is selected. If the “L” bit
is 1 means the attenuation value (D1 to D6) is for left channel exclusively; and if “L” and “R” all are “1”
means attenuation value is for the both channel.
LOUDNESS SETUP CODE
The “LD” bit In the DATA code is for the Loudness function. When the “LD” bit is 0, the Loudness
function is turned off (LS1=Off, LS2=ON) and the “LD” bit is 1 means the Loudness is turned ON
(LS1=On, LS2=Off).


Similar Part No. - PT2310-SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT23101 BOURNS-PT23101 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23102 BOURNS-PT23102 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23103 BOURNS-PT23103 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23104 BOURNS-PT23104 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23105 BOURNS-PT23105 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
More results

Similar Description - PT2310-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2259 PTC-PT2259_09 Datasheet
406Kb / 15P
   Volume Controller IC
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
   Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com