Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2257-SL Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2257-SL
Description  Electronic Volume Controller IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2257-SL Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2257-SL Datasheet HTML 3Page - Princeton Technology Corp PT2257-SL Datasheet HTML 4Page - Princeton Technology Corp PT2257-SL Datasheet HTML 5Page - Princeton Technology Corp PT2257-SL Datasheet HTML 6Page - Princeton Technology Corp PT2257-SL Datasheet HTML 7Page - Princeton Technology Corp PT2257-SL Datasheet HTML 8Page - Princeton Technology Corp PT2257-SL Datasheet HTML 9Page - Princeton Technology Corp PT2257-SL Datasheet HTML 10Page - Princeton Technology Corp PT2257-SL Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2257 V1.3
- 7 -
December, 2006
Electronic Volume Controller IC
PT2257
SOFTWARE SPECIFICATION
PT2257 ADDRESS
PT2257 Address is shown below:
1
MSB
0
0
0
1
0
0
0
LSB
I2C BUS INTERFACE START TIME
After Power is turned ON, PT2257 needs to wait for a short time in order to insure stability. The waiting
time period for PT2257 to send I2C Bus Signal is at least 200ms. If the waiting time period is less than
200ms, I2C Control may fail. Please refer to the diagram below.
POWER ON
VDD
SDA/SCL
V
90% VDD
At least 200ms


Similar Part No. - PT2257-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257-S PTC-PT2257-S Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2257-S PTC-PT2257-S Datasheet
296Kb / 16P
   Electronic Volume Controller IC
More results

Similar Description - PT2257-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com