Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1270-079 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV1270-079
Description  Hyperabrupt Junction Tuning Varactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1270-079 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1270-079 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1270-079 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1270-079 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1270-079 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATA SHEET • SMV1270-079, SMV1270-079LF
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 23, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200065 Rev. C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
Varactor Voltage (V)
Capacitance vs. Voltage
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance
Change vs. Temperature
-4
-3
-2
-1
0
1
2
3
4
5
VVAR = 1 V
VVAR = 2.5 V
VVAR = 4 V
Typical Performance Data
Parameter
Condition
Min.
Typ.
Max.
Unit
Reverse current (IR)VR = 20 V
20
nA
Capacitance (CT)CT @ 0.5 V, VR = 0.5 V, F = 1 MHz
22.1
23.6
25.1
pF
Capacitance (CT)CT @ 2.5 V, VR = 2.5 V, F = 1 MHz
7.7
8.6
9.8
pF
Capacitance ratio (CTR)CT (0.5 V)/CT (2.5 V)
2.3
2.7
Series resistance (RS)VR = 1 V, F = 470 MHz
0.7
Breakdown voltage (VBR)IR = 10 µA
20
V
Electrical Specifications at 25 °C
Single
SC-79
SMV1270-079
Marking: Cathode
SMV1270-079LF
Marking: Cathode
LS = 1.7 nH
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative
to our standard tin/lead (Sn/Pb) packaging.


Similar Part No. - SMV1270-079

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1270-079 ALPHA-SMV1270-079 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1270-079LF SKYWORKS-SMV1270-079LF Datasheet
540Kb / 7P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1270-079

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com