Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1245-011LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMV1245-011LF
Description  Hyperabrupt Junction Tuning Varactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1245-011LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1245-011LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1245-011LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1245-011LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1245-011LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • SMV1245-011, SMV1245-011LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200060 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 10, 2006
3
0.090 (2.30 mm) Min.
0.108 (2.74 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.050
(1.25 mm) Max.
0.006
(0.15 mm) Typ.
0.008 (0.20 mm) Nom.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.010
(0.25 mm) Min.
0.016
(0.40 mm) Max.
0.063 (1.60 mm) Min.
0.071 (1.80 mm) Max.
Cathode
Indicator
2
1
SOD-323
Capacitance vs. Voltage
VR (V)
CT (pF)
0
7.37
0.5
5.84
1
4.93
1.5
4.28
2
3.79
2.5
3.4
3
3.06
3.5
2.76
4
2.51
4.5
2.28
5
2.09
5.5
1.92
6
1.78
6.5
1.66
7
1.55
7.5
1.46
8
1.38
8.5
1.32
9
1.26
9.5
1.2
10
1.16
10.5
1.12
11
1.08
11.5
1.05
12
1.02
DIODE
Varactor_Diode
AREA = 1
MODEL = Diode_Model
MODE = nonlinear
RES
RS
R = RS
IND
LS
L = LS
CAP
CP
C = CP
PORT
P_anode
port = 1
PORT
P_Cathode
port = 2
DIODEM
Diode_Model
IS = 1.00e-14
RS = 0
N = 1
TT = 0
CJO = CJO
M = M
VJ = VJ
EG = 1.11
XTI = 3
KF =0
AF =1
FC = 0.5
BV = 0
IBV = 1e-3
ISR = 0
NR = 2
IKF = 0
NBV = 1
IBVL = 0
NBVL = 1
TBV1 = 0
TNOM = 27
FFE = 1
SPICE Model
Part
CJ0
VJ
CP
RS
LS
Number
(pF)
(V)
M
(pF)
(
Ω)
(nH)
SMV1245-011
6.9
3.5
1.7
0.47
2
1.7
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - SMV1245-011LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1245-011LF SKYWORKS-SMV1245-011LF Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1245-011LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com