Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1304 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMP1304
Description  Low-Distortion Attenuator Plastic Packaged PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1304 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1304 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 23, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200044 Rev. C
DATA SHEET • SMP1304 SERIES
4
4
31
2
43
12
SMP1304-019 (PI)
SMP1304-007
In the -007 configuration of the SOT-23 package, the package
inductance is effectively reduced to 0.4 nH, in comparison to the
1.5 nH value of the standard configuration. This lower inductance
will be particularly beneficial when the diodes are used as shunt
connected switches at frequencies higher than 500 MHz, where
inductance is the primary limitation on maximum switch isola-
tion. To achieve the effective 0.4 nH, the SOT-23 package must
be inserted in the microstrip circuit board with a gap in the trace,
as shown in the figure. Because of the polarity of the diode junc-
tion, this low inductance feature is realizable only with the
cathode connected to ground.
SMP1304-019 PI Attenuator PIN Diodes
The SMP1304-019 employs three PIN diode junctions in a
SOT-143 package. They are configured for ease of insertion in
PI attenuator circuits commonly used from 10 MHz to beyond
1 GHz. The SMP1304 PIN diode junction was designed for low
capacitance, wide resistance dynamic range, and low distortion
performance.
RR
R
R
R
IF
-55 °C
-15 °C
25 °C
65 °C
100 °C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
1590
1660
1752
1770
1760
0.1
315
340
367
396
409
0.3
108
118
128
141
147
1
34.5
37.9
41.6
46.3
48.8
10
4.8
5.3
5.8
6.6
7
20
3
3.3
3.6
4.1
4.3
100
1.3
1.4
1.5
1.7
1.8
Resistance vs. Temperature @ 100 MHz
Ground
Gap
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - SMP1304

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1304-001 ALPHA-SMP1304-001 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-004 ALPHA-SMP1304-004 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304-005 SKYWORKS-SMP1304-005 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005LF SKYWORKS-SMP1304-005LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
More results

Similar Description - SMP1304

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com