Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8518-B-GM Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI8518-B-GM
Description  UNIDIRECTIONAL AC CURRENT SENSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8518-B-GM Datasheet(HTML) 4 Page - Silicon Laboratories

  SI8518-B-GM Datasheet HTML 1Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 2Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 3Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 4Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 5Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 6Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 7Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 8Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Si85xx
4
Preliminary Rev. 0.1
1. Electrical Specifications
Table 1. Electrical Specifications
TA = –40 to +85 ºC (typical specified at 25 ºC), VDD = 2.7 to 5.5 V
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
2.7
5.5
V
Supply Current
Fully enabled, input frequency =
1MHz
4
7
mA
Undervoltage Lockout (VUVLO)
2.1
2.3
2.5
V
Undervoltage Lockout Hysteresis
(VHYST)
100
mV
Logic Input HIGH Level
MODE, R1, R2, R3, R4 inputs
(TTL compatible)
2.0
V
Logic Input LOW Level
0.8
V
Reset Time (tR)
250
ns
R1, R2, R3, R4 Input Rise Time (tRR)
30
ns
R1, R2, R3, R4 Input Fall Time (tFR)
30
ns
Measurement Watchdog Timeout (tWD)
30
50
80
µs
Series Input Resistance
Measured from IIN to IOUT
1.3
m
Ω
Series Inductance
Measured from IIN to IOUT
2
nH
Input/Output Delay
OUT, OUT1, OUT2 delay relative to
input
50
100
ns
Start-Up Self-Cal Delay (tCAL)
Time from VDD = VUVLO + VHYST to
cal complete
150
200
µs
Input Common Mode Voltage Range
1,000
V
Operating Input Frequency Range (f)
50
1,200
kHz
DC Power Supply Rejection Ratio
80
db
Sensitivity
Si85x1/4/7
400
mV/A
Si85x2/5/8
200
mV/A
Si85x3/6/9
100
mV/A
OUT, OUT1, OUT2 Offset Voltage
(VOUTMIN)
Current flow from IIN to IOUT = 0
10
mV
VOUT Slew Rate
OUT, OUT1, OUT2 load = 5K || 50 pF
50
V/µs
OUT, OUT1, OUT2 Output Resistance
20
30
Ω
Measurement Error (%)—all devices
(–40 to 85 ºC Temp Range)
5 to 10% of full scale
–20
+20
%
10 to 20% of full scale
–10
+10
%
20 to 100% of full scale
–5
+5
%


Similar Part No. - SI8518-B-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8518-B-GM ETC2-SI8518-B-GM Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
More results

Similar Description - SI8518-B-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8513-C-IS ETC2-SI8513-C-IS Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com