Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS236-321LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AS236-321LF
Description  PHEMT GaAs IC High-Power 4-CTL DPDT Switch LF-6 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS236-321LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AS236-321LF Datasheet HTML 1Page - Skyworks Solutions Inc. AS236-321LF Datasheet HTML 2Page - Skyworks Solutions Inc. AS236-321LF Datasheet HTML 3Page - Skyworks Solutions Inc. AS236-321LF Datasheet HTML 4Page - Skyworks Solutions Inc. AS236-321LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DATA SHEET • AS236-321, AS236-321LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
July 16, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200255 Rev. B
4
V1
V2
V3
V4
A1–Tx
A2–Rx
A2–Tx
A1–Rx
1
0
0
0
IL
ISO
ISO
ISO
0
1
0
0
ISO
IL
ISO
ISO
0
0
1
0
ISO
ISO
IL
ISO
0
0
0
1
ISO
ISO
ISO
IL
Truth Table
Characteristic
Value
RF input power
35 dBm > 500 MHz
0/7 V control
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
Solder Land Pattern
Dimensions in inches (mm).
0.020
(0.50 mm)
0.011
(0.28 mm)
0.026 (0.65 mm)
0.057
(1.45 mm)
SQ.
0.007
(0.18 mm)
0.008 (0.20 mm)
Seating Plane
0.118 (3.00 mm)
Pin 1 Indicator
Pin 1
Indicator
0.118
(3.00 mm)
0.001
(0.02 mm)
0.030
(0.75 mm)
± 0.002
(0.05 mm)
Exposed pad
0.029
(0.73 mm)
0.017
(0.435 mm) Sq.
0.007
(0.180 mm)
0.0196
(0.50 mm) BSC
0.057 (1.45 mm) Sq.
+ 0.004 (0.10 mm)
- 0.006 (0.15 mm)
0.022 (0.55 mm)
± 0.004 (0.10 mm)
0.009 (0.23 mm)
+ 0.003 (0.07 mm)
- 0.002 (0.05 mm)
QFN-12
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
All other conditions not recommended.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - AS236-321LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS230-348 SKYWORKS-AS230-348 Datasheet
241Kb / 3P
   GaAs SPDT IC 7 W T/R Switch DC -6 GHz
AS230-348 SKYWORKS-AS230-348 Datasheet
244Kb / 4P
   SPDT 7 W T/R Switch 300 kHz-6 GHz
AS230-348LF SKYWORKS-AS230-348LF Datasheet
244Kb / 4P
   SPDT 7 W T/R Switch 300 kHz-6 GHz
AS230-348 SKYWORKS-AS230-348_06 Datasheet
244Kb / 4P
   SPDT 7 W T/R Switch 300 kHz-6 GHz
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
More results

Similar Description - AS236-321LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
931Kb / 5P
   PHEMT GaAs IC High-Power 4-CTL DPDT Switch LF - 6 GHz
AS211-334 SKYWORKS-AS211-334 Datasheet
171Kb / 4P
   PHEMT GaAs IC SPDT Switch LF-4 GHz
AS202-321 SKYWORKS-AS202-321 Datasheet
297Kb / 4P
   PHEMT GaAs IC High-Power SP3T Switch LF-2 GHz
AS218-321 SKYWORKS-AS218-321 Datasheet
189Kb / 4P
   PHEMT GaAs IC High Power Transfer Switch DC-6 GHz
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
SKY13252-321 SKYWORKS-SKY13252-321 Datasheet
182Kb / 2P
   PHEMT GaAs IC Diversity Switch DC-6 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
   GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS420 HW-HWS420 Datasheet
74Kb / 2P
   GaAs DC-6 GHz DPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com