Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV11073LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AV11073LF
Description  GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AV11073LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AV11073LF Datasheet HTML 1Page - Skyworks Solutions Inc. AV11073LF Datasheet HTML 2Page - Skyworks Solutions Inc. AV11073LF Datasheet HTML 3Page - Skyworks Solutions Inc. AV11073LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VC (V)
Attenuation vs. Control Voltage
@ 1900 MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Attenuation vs. Control Voltage
@ 2400 MHz
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VC (V)
VC (V)
VSWR vs. Control Voltage
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Input
Output
2.5
2.0
3.0
1.5
0
0.5
1.0
Typical Performance Data @ 1.9 GHz
(Unless Otherwise Specified)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 9, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200260 Rev. C
DATA SHEET • AV110-73, AV110-73LF
2
Parameter(1)
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching characteristics
Rise, on
10/90% or 50% CTL to 90% RF
1.0
µs
Fall, off
90/10% RF or 50% CTL to 10% RF
0.3
µs
Intermodulation intercept point (IIP3)(2)
For two-tone input power +0 dBm
1.9 GHz
12
dBm
Thermal resistance
25
°C/W
Control voltage (VC)
0VS
V
Supply voltage (VS)
3V
Control current (IC)
0.2 x VC
mA
Supply current (IS)
150
µA
Operating Characteristics at 25 °C (VS = 3 V)
1. All measurements made in a 50 Ω system, unless otherwise specified.
2. For worst-case state.


Similar Part No. - AV11073LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV11073 ALPHA-AV11073 Datasheet
36Kb / 2P
   GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
More results

Similar Description - AV11073LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV110-73 ALPHA-AV110-73 Datasheet
36Kb / 2P
   GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
AV106-12 ALPHA-AV106-12 Datasheet
32Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV107-59 ALPHA-AV107-59 Datasheet
36Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV103-12 ALPHA-AV103-12 Datasheet
50Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV105-12 ALPHA-AV105-12 Datasheet
31Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
   GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AV103-12 SKYWORKS-AV103-12 Datasheet
134Kb / 4P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AV109-73 ALPHA-AV109-73 Datasheet
36Kb / 2P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1.0 GHz
logo
Skyworks Solutions Inc.
AV109-73 SKYWORKS-AV109-73_07 Datasheet
117Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com