Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD30HUF1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RD30HUF1
Description  Silicon MOSFET Power Transistor,520MHz,30W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD30HUF1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RD30HUF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD30HUF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD30HUF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD30HUF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD30HUF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD30HUF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD30HUF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MITSUBISHI RF POWER MOS FET
ELECTROSTATIC SENSITIVE DEVICE
RD30HUF1
RoHS Compliance,
Silicon MOSFET Power Transistor,520MHz,30W
RD30HUF1
MITSUBISHI ELECTRIC
10 Jan 2006
OBSERVE HANDLING PRECAUTIONS
RD30HUF1 S-PARAMETER DATA (@Vdd=12.5V, Id=500mA)
Freq.
[MHz]
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
100
0.870
-173.4
7.566
74.2
0.016
-8.8
0.723
-170.2
150
0.880
-177.3
4.825
63.2
0.015
-18.0
0.748
-172.5
200
0.890
-179.5
3.398
55.1
0.013
-23.7
0.778
-173.9
250
0.902
178.2
2.568
47.0
0.011
-27.9
0.817
-175.6
300
0.911
176.0
1.982
40.2
0.010
-31.1
0.832
-177.6
350
0.921
174.1
1.588
34.5
0.008
-31.3
0.857
-179.7
400
0.930
172.1
1.299
29.0
0.007
-29.2
0.879
178.3
450
0.931
170.0
1.070
23.9
0.005
-21.8
0.887
176.3
500
0.941
168.0
0.907
20.3
0.004
-9.5
0.901
174.2
520
0.946
167.1
0.852
18.7
0.004
-3.9
0.908
173.4
550
0.946
166.3
0.780
15.9
0.004
7.5
0.913
172.3
600
0.947
164.2
0.673
12.5
0.004
28.3
0.916
170.5
650
0.951
162.5
0.589
10.1
0.004
46.8
0.928
168.6
700
0.957
160.7
0.522
6.6
0.006
53.0
0.932
166.7
750
0.960
159.1
0.464
4.1
0.007
56.5
0.936
164.9
800
0.962
157.6
0.419
2.2
0.007
63.6
0.942
163.1
850
0.962
155.8
0.383
-1.2
0.009
64.1
0.945
161.6
900
0.962
154.2
0.341
-3.0
0.009
63.5
0.946
160.0
950
0.961
152.7
0.318
-4.2
0.010
65.6
0.952
158.2
1000
0.961
151.2
0.296
-7.4
0.012
65.3
0.955
157.0
1050
0.965
149.6
0.270
-8.3
0.012
64.6
0.955
155.4
1100
0.964
148.2
0.259
-9.4
0.014
64.8
0.957
153.6
S11
S21
S12
S22
6/7


Similar Part No. - RD30HUF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD30HUF1 MITSUBISHI-RD30HUF1 Datasheet
398Kb / 7P
   Silicon MOSFET Power Transistor,520MHz,30W
RD30HUF1 MITSUBISHI-RD30HUF1 Datasheet
573Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
RD30HUF1 MITSUBISHI-RD30HUF1_11 Datasheet
573Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
More results

Similar Description - RD30HUF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD30HUF1 MITSUBISHI-RD30HUF1 Datasheet
398Kb / 7P
   Silicon MOSFET Power Transistor,520MHz,30W
RD30HUF1 MITSUBISHI-RD30HUF1_11 Datasheet
573Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
RD09MUP2 MITSUBISHI-RD09MUP2 Datasheet
152Kb / 7P
   Silicon MOSFET Power Transistor, 520MHz, 8W
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
251Kb / 6P
   Silicon MOSFET Power Transistor 520MHz,1W
RD07MVS1B MITSUBISHI-RD07MVS1B Datasheet
227Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD02MUS1 MITSUBISHI-RD02MUS1 Datasheet
278Kb / 9P
   Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B Datasheet
186Kb / 8P
   Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD07MVS1 MITSUBISHI-RD07MVS1 Datasheet
274Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_10 Datasheet
219Kb / 10P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2 Datasheet
279Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com