Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65131 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY65131
Description  WLAN Power Amplifier Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65131 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY65131 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DATA SHEET • SKY65131
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 1, 2005 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 103106E
Table 4. SKY65131 Electrical Specifications
(VCC = 3.3 V, TC = +25
°C, Test Frequency = 2.442 GHz unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Using IEEE802.11b Complimentary Code Keying Input Signal, Data Rate = 11 Mbps
Supply current
ICC
490
mA
Output power (Note 1)
POUT
27
dBm
Power added efficiency (Note 2)
PAE
41
%
Ramp-up/ramp-down (Note 3)
TS
<0.5
µs
Using IEEE802.11g Orthogonal Frequency Division Multiplexing Input Signal, Data Rate = 54 Mbps
Supply current
ICC
400
mA
Output power (Note 4)
POUT
26
dBm
Power added efficiency (Note 2)
PAE
33
%
Using Continuous Wave Input Signals
Small signal gain
G
PIN = –15 dBm
26
dB
Gain flatness over band
From 2.4 GHz to 2.5 GHz
±1.0
dB
Gain flatness over channel (16.25 MHz)
Over any 16.25 MHz
within band
±0.2
dB
Output power @ 1 dB compression
P1dB
PIN = 3 dBm
28
dBm
Quiescent Current
IQ
150
mA
Noise Figure
NF
5
dB
Power added efficiency
PAE
PIN = 3 dBm
38
%
Thermal resistance (junction-to-case)
RTH,J-C
50
C/W
Power Up/Down Control
Power up
PA_ON/OFF
2.7
3.3
V
Power down
PA_ON/OFF
0.5
V
Note 1: Defined as the maximum power level for which the IEEE802.11b transmit mask requirements are met.
Note 2: Measured at the specified average output RF power and modulation type.
Note 3: Ramp-up and ramp-down times are defined from the 10% to 90% power points.
Note 4: Defined as the maximum power level for which the IEEE802.11g transmit mask requirements are met.
Input Power (dBm)
30
28
26
24
22
20
18
16
14
12
10
–15
–13
–11
–9
–7
–5
–3
–1
+1
+3
+5
Figure 3. Typical POUT and Gain vs PIN @ 2.442 GHz
Frequency (GHz)
27.0
26.8
26.6
26.4
26.2
26.0
25.8
25.6
25.4
25.2
25.0
2.40
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.50
Figure 4. Typical Gain vs Frequency Response


Similar Part No. - SKY65131

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65131-11 SKYWORKS-SKY65131-11 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
More results

Similar Description - SKY65131

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
   3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com