Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77154 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY77154
Description  System Smart PA Module for CDMA / AMPS (824-849 MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77154 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY77154 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET • SKY77154
SYSTEM SMART® PAM FOR CDMA / AMPS (824–849 MHZ)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
November 3, 2006 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • 103067A
Electrical Specifications
The following tables list the electrical characteristics of the
SKY77154 Power Amplifier. Table 1 lists the absolute maximum
ratings, while Table 2 lists the recommended operating conditions
for achieving the electrical performance listed in Table 4. Table 3
presents a truth table for the power settings.
Table 1. Absolute Maximum Ratings 1
Parameter
Symbol
Minimum
Nominal
Maximum
Unit
CDMA
PIN_D
–1.0
8.0
RF Input Power
AMPS
PIN_A
3.0
8.0
dBm
Supply Voltage
VCC
3.4
6.0
Volts
Reference Voltage
VREF
2.85
3.0
Volts
Control Voltage
VCONT
TBD
3.0
Volts
Operating
TCASE
–30
25
+110
Case Temperature 2
Storage
TSTG
–55
+125
°C
1 No damage assuming only one parameter is set at limit at a time with all other parameters set at nominal value.
2 Case Operating Temperature refers to the temperature of the GROUND PAD at the underside of the package.
Table 2. Recommended Operating Conditions
Parameter
Symbol
Minimum
Nominal
Maximum
Unit
CDMA
PO_D
28
Output Power
AMPS
PO_A
31
dBm
Operating Frequency
FO
824.0
836.5
849.0
MHz
Supply Voltage
VCC
3.2
3.4
4.2
Volts
Reference Voltage
VREF
2.75
2.85
2.95
Volts
Control voltage
VCONT
1.0
TBD
2.0
Volts
Case Operating Temperature
TO
–30
+25
+85
°C
Table 3. Power Range Truth Table 1
Power Setting
VREF
VCONT
Output Power
High Power
2.85 V
2.0 V
28 dBm
Low Power
2.85 V
< 1.3 V
≤ 0 dBm
Shut Down
0.0 V
0.0 V
1
In the output power range between –10 dBm and +28 dBm, VCONT can be continuously adjusted to minimize current consumption while meeting required linearity specification.


Similar Part No. - SKY77154

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77148 SKYWORKS-SKY77148 Datasheet
293Kb / 14P
   SKY77148 PA Module for CDMA2000 (450-460 MHz)
SKY77148-15 SKYWORKS-SKY77148-15 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77148 SKYWORKS-SKY77148_06 Datasheet
293Kb / 14P
   SKY77148 PA Module for CDMA2000 (450-460 MHz)
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
More results

Similar Description - SKY77154

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77179 SKYWORKS-SKY77179 Datasheet
45Kb / 2P
   AutoSmart PA Module for WCDMA / HSDPA(824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
   CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
SKY77425 SKYWORKS-SKY77425 Datasheet
320Kb / 9P
   Front-End Module for CDMA (Tx 824-849 MHz), (Rx 869-894 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com