Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77154 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY77154
Description  System Smart PA Module for CDMA / AMPS (824-849 MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77154 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY77154 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY77154 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SYSTEM SMART® PAM FOR CDMA / AMPS (824–849 MHZ)
DATA SHEET • SKY77154
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103067A • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • November 3, 2006
11
To avoid ESD damage, both latent and visible, it is very important
that the product assembly and test areas follow the Class-1 ESD
handling precautions listed below.
• Personnel Grounding
• Facility
-
Wrist Straps
-
Relative Humidity Control and Air Ionizers
-
Conductive Smocks, Gloves and Finger Cots
-
Dissipative Floors (less than 109
Ω to GND)
-
Antistatic ID Badges
• Protective Workstation
• Protective Packaging and Transportation
-
Dissipative Table Top
-
Bags and Pouches (Faraday Shield)
-
Protective Test Equipment (Properly Grounded)
-
Protective Tote Boxes (Conductive Static Shielding)
-
Grounded Tip Soldering Irons
-
Protective Trays
-
Solder Conductive Suckers
-
Grounded Carts
-
Static Sensors
-
Protective Work Order Holders


Similar Part No. - SKY77154

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77148 SKYWORKS-SKY77148 Datasheet
293Kb / 14P
   SKY77148 PA Module for CDMA2000 (450-460 MHz)
SKY77148-15 SKYWORKS-SKY77148-15 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77148 SKYWORKS-SKY77148_06 Datasheet
293Kb / 14P
   SKY77148 PA Module for CDMA2000 (450-460 MHz)
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
More results

Similar Description - SKY77154

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77179 SKYWORKS-SKY77179 Datasheet
45Kb / 2P
   AutoSmart PA Module for WCDMA / HSDPA(824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
   CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
SKY77425 SKYWORKS-SKY77425 Datasheet
320Kb / 9P
   Front-End Module for CDMA (Tx 824-849 MHz), (Rx 869-894 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com