Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV131-315 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AV131-315
Description  HIP3??Variable Attenuator for AMPS and GSM Base Stations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AV131-315 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AV131-315_07 Datasheet HTML 1Page - Skyworks Solutions Inc. AV131-315_07 Datasheet HTML 2Page - Skyworks Solutions Inc. AV131-315_07 Datasheet HTML 3Page - Skyworks Solutions Inc. AV131-315_07 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 28, 2007 • Skyworks Proprietary and Confidential Information • Products and product information are subject to change without notice. • 200264 Rev. A
DATA SHEET • AV131-315, AV131-315LF
2
Typical Performance Data
Insertion Loss vs. Frequency and
Control Voltage — AMPS Band
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0.865
0.875
0.885
0.895
0 V
4 V
8 V
12 V
Input/Output Return Loss vs. Frequency
and Control Voltage — AMPS Band
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0.865
0.875
0.885
0.895
0 V
4 V
8 V
12 V
Insertion Loss Flatness vs.
Control Voltage — AMPS Band
04
26
8
10
12
Control Voltage (V)
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
Phase vs. Frequency and
Control Voltage — AMPS Band
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
0.865
0.875
0.885
0.895
0 V
4 V
8 V
12 V
3rd Order Intermod vs. Control Voltage
RF1 = 0.900 GHz, RF2 = 0.905 GHz @ 8 dBm
04
26
8
10
12
Control Voltage (V)
30
32
34
36
38
40
42
44
46
48
50


Similar Part No. - AV131-315_07

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
   HIP3 Variable Attenuator for AMPS and GSM Base Stations
More results

Similar Description - AV131-315_07

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
   HIP3 Variable Attenuator for AMPS and GSM Base Stations
SKY12143-315 SKYWORKS-SKY12143-315 Datasheet
118Kb / 5P
   HIP3??Variable Attenuator for AMPS and GSM Base Stations
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
   HIP3??Variable Attenuator for UMTS Base Stations
logo
Alpha Industries
AV133-315 ALPHA-AV133-315 Datasheet
250Kb / 3P
   HIP3??Variable Attenuator for UMTS Base Stations
logo
Skyworks Solutions Inc.
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
   HIP3??Variable Attenuator for DCS and PCS Base Stations
logo
Alpha Industries
AV132-315 ALPHA-AV132-315 Datasheet
260Kb / 4P
   HIP3??Variable Attenuator for DCS and PCS Base Stations
AV101-12 ALPHA-AV101-12 Datasheet
814Kb / 3P
   HIP3??Variable Attenuator 0.80.1.00 GHz
AV102-12 ALPHA-AV102-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 1.70.2.00 GHz
AV113-12 ALPHA-AV113-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 2.10-2.30 GHz
logo
Skyworks Solutions Inc.
AV102-12 SKYWORKS-AV102-12 Datasheet
164Kb / 5P
   HIP3 Variable Attenuator 1.7-2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com