Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV131-315 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AV131-315
Description  HIP3??Variable Attenuator for AMPS and GSM Base Stations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AV131-315 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AV131-315_07 Datasheet HTML 1Page - Skyworks Solutions Inc. AV131-315_07 Datasheet HTML 2Page - Skyworks Solutions Inc. AV131-315_07 Datasheet HTML 3Page - Skyworks Solutions Inc. AV131-315_07 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200264 Rev. A • Skyworks Proprietary and Confidential Information • Products and product information are subject to change without notice. • February 28, 2007
1
AV131-315, AV131-315LF: HIP3™ Variable Attenuator
for AMPS and GSM Base Stations
DATA SHEET
Features
23 dB attenuation range
1.5 dB insertion loss, 1.5 SWR
0–12 V control voltage
43 dBm IP3
Small footprint LGA package
Designed for AMPS and GSM base stations
Available lead (Pb)-free MSL-1 @ 240 °C per JEDEC J-STD-020
Description
The AV131-315 is a voltage controlled variable attenuator from
Skyworks’ series of HIP3™ components. It is specifically
designed and specified for use as a wide dynamic range low
distortion attenuator for AMPS and GSM base station applications
centered at 881.5 MHz and 942.5 MHz. The AV131-315
employs a monolithic quadrature hybrid and a pair of silicon
PIN diodes to achieve the specified low distortion performance.
It operates from 0–12 V at 1.6 mA typical control current at
maximum attenuation. The AV131-315 is packaged in a
small outline LGA (Land Grid Array) surface mount package with
the internal elements affixed to an organic BT substrate.
Parameter
Condition
Min.
Typ.
Max.
Unit
AMPS frequency range (BW)
869
894
MHz
GSM frequency range (BW)
925
960
MHz
Control voltage (CV) range
0
12
V
Insertion loss in BW
CV = 0 V
1.5
dB
Attenuation range
At FO,CV = 10 V
18
22
dB
At FO,CV = 12 V
23
dB
VSWR in BW
1.5
IP3
900/905 MHz, CV = 0 V
43
dBm
IM3
8 dBm
-70
dBc
Electrical Specifications at 25 °C
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW


Similar Part No. - AV131-315_07

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
   HIP3 Variable Attenuator for AMPS and GSM Base Stations
More results

Similar Description - AV131-315_07

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
   HIP3 Variable Attenuator for AMPS and GSM Base Stations
SKY12143-315 SKYWORKS-SKY12143-315 Datasheet
118Kb / 5P
   HIP3??Variable Attenuator for AMPS and GSM Base Stations
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
   HIP3??Variable Attenuator for UMTS Base Stations
logo
Alpha Industries
AV133-315 ALPHA-AV133-315 Datasheet
250Kb / 3P
   HIP3??Variable Attenuator for UMTS Base Stations
logo
Skyworks Solutions Inc.
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
   HIP3??Variable Attenuator for DCS and PCS Base Stations
logo
Alpha Industries
AV132-315 ALPHA-AV132-315 Datasheet
260Kb / 4P
   HIP3??Variable Attenuator for DCS and PCS Base Stations
AV101-12 ALPHA-AV101-12 Datasheet
814Kb / 3P
   HIP3??Variable Attenuator 0.80.1.00 GHz
AV102-12 ALPHA-AV102-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 1.70.2.00 GHz
AV113-12 ALPHA-AV113-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 2.10-2.30 GHz
logo
Skyworks Solutions Inc.
AV102-12 SKYWORKS-AV102-12 Datasheet
164Kb / 5P
   HIP3 Variable Attenuator 1.7-2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com