Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77148 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY77148
Description  SKY77148 PA Module for CDMA2000 (450-460 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77148 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY77148 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PA MODULE FOR CDMA2000 (450–460 MHZ)
DATA SHEET • SKY77148
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103018B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 12, 2006
3
Table 4. Electrical Specifications for CDMA Nominal Operating Conditions 1
Characteristics
Symbol
Condition
Minimum
Typical
Maximum
Unit
GLOW
VCONT
≥ 2.5 V
PO = 16 dBm
24.5
26.5
28.2
Gain conditions
Digital Mode
GHIGH
VCONT
≤ 0.5 V
PO = 29 dBm
29.0
31.0
32.5
dB
PAELOW
VCONT
≥ 2.5 V
PO = 16 dBm
7.0
8.0
Power Added Efficiency
Digital Mode
PAEHIGH
VCONT
≤ 0.5 V
PO = 29 dBm
35.0
38.0
%
ICC_LOW
PO = 16 dBm
155
175
Total Supply Current
ICC_HIGH
PO = 29 dBm
650
705
mA
IQ_LOW
VCONT
≥ 2.5 V
50
65
75
Quiescent Current
IQ_HIGH
VCONT
≤ 0.5 V
70
90
105
mA
Reference Current
IREF
0.75
1.0
mA
Control Current
ICONT
VCONT = 2.5 V
.95
1.2
µA
Total Supply Current in Power-down Mode
IPD
VCC = 3.4 V
VREF = 0 V
2.0
4.5
µA
ACP1LOW
VCONT
≥ 2.5 V
PO
≤ 16 dBm
–47.0
–45.5
885 kHz offset
ACP1HIGH
VCONT
≤ 0.5 V
PO
≤ 29 dBm
–50.0
–46.5
ACP2LOW
VCONT
≥ 2.5 V
PO
≤ 16 dBm
–65.0
–58.0
Adjacent Channel Power 2,3
1.98 MHz offset
ACP2HIGH
VCONT
≤ 0.5 V
PO
≤ 29 dBm
–59.0
–57.0
dBc
Second
FO2
PO
≤ 29 dBm
–45.0
–35.0
Harmonic Suppression
Third
FO3
PO
≤ 29 dBm
–55.0
–40.0
dBc
Noise Power in RX Band 460-470 MHz
RxBN
PO
≤ 29 dBm
–129
–127
dBm/Hz
Noise Figure
NF
5.0
5.5
dB
Input Voltage Standing Wave Ratio
VSWR
1.6:1
2.0:1
Stability (Spurious output)
S
5:1 VSWR all phases
–65.0
dBc
Ruggedness—No damage 4
Ru
PO
≤ 29 dBm
10:1
VSWR
1
Unless otherwise specified:
VCC = +3.4 V,
VREF = +3.0 V,
Freq = 455 MHz,
TC = 25 °C
2
ACP is specified per CDMA2000 as the ratio of the total in-band power (1.23 MHz BW) to adjacent power in a 30 kHz BW.
3
CDMA2000 is configured as DCCH = 9600, SCHO = 9600, PCH (Walsh 0) = –3.75 dB, and Peak-to-Average Ratio (CCDF = 1%) = 4.5 dB.
4
All phases, time = 10 seconds.


Similar Part No. - SKY77148

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77148-15 SKYWORKS-SKY77148-15 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
More results

Similar Description - SKY77148

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77166 SKYWORKS-SKY77166 Datasheet
385Kb / 9P
   Power Amplifier Module for CDMA2000 (450-460 MHz)
SKY77192-14 SKYWORKS-SKY77192-14 Datasheet
82Kb / 2P
   Power Amplifier Module for CDMA2000
SKY65342-11 SKYWORKS-SKY65342-11 Datasheet
305Kb / 13P
   450-470 MHz Front-End Module
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
   PA Module for CDMA PCS (1850-1910 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77149 SKYWORKS-SKY77149_06 Datasheet
185Kb / 13P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
SKY77161 SKYWORKS-SKY77161 Datasheet
82Kb / 2P
   PA Module for TD-SCDMA (2010-2025 MHz)
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com