Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1419D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # RF1419D
Description  403.5 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1419D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  RF1419D Datasheet HTML 1Page - RF Monolithics, Inc RF1419D Datasheet HTML 2Page - RF Monolithics, Inc RF1419D Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
403.5 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1419D-052907
CH1
S 21
log MAG
3 dB/
REF -10 dB
CH1 CENTER 403.500 000 MHz
SPAN 30.000 000 MHz
RF1419D DEMO1 UNTUNED
Cor
PRm
CH2
S 21
log MAG
REF -20 dB
10 dB/
CH2 CENTER 403.500 000 MHz
SPAN 90.000 000 MHz
Cor
PRm
15 Aug 2005 09:03:19
1
2
3
4
1_: 0 dB
0.000 000 MHz
Max
REF=1
BW: 7.364 203 MHz
cent: 403.558033 MHz
Q: 54.8
1_ loss: -1.5722 dB
1
2
3
4
4_ -66.509 dB
448.500 000 MHz
1_ -69.28 dB
358.5 MHz
2_ -71.176 dB
383.5 MHz
3_ -69.997 dB
423.5 MHz


Similar Part No. - RF1419D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1419D MURATA-RF1419D Datasheet
73Kb / 3P
   403.5 MHz SAW Filter
More results

Similar Description - RF1419D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3607D RFM-RF3607D Datasheet
507Kb / 10P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1774A TAI-SAW-TA1774A Datasheet
688Kb / 8P
   SAW Filter 403.5 MHz
logo
Murata Manufacturing Co...
RF1419D MURATA-RF1419D Datasheet
73Kb / 3P
   403.5 MHz SAW Filter
logo
TriQuint Semiconductor
856990 TRIQUINT-856990_15 Datasheet
636Kb / 6P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1135B TAI-SAW-TA1135B Datasheet
245Kb / 6P
   SAW Filter 403.5 MHz
TA1940A TAI-SAW-TA1940A Datasheet
471Kb / 7P
   SAW Filter 403.5 MHz
TA1994A TAI-SAW-TA1994A Datasheet
330Kb / 6P
   SAW Filter 403.5 MHz
logo
Murata Manufacturing Co...
RF3607D MURATA-RF3607D Datasheet
507Kb / 10P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0997A TAI-SAW-TA0997A Datasheet
384Kb / 8P
   SAW Filter 403.5 MHz
TA1135A TAI-SAW-TA1135A Datasheet
427Kb / 6P
   SAW Filter 403.5 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com