Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX77112 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CX77112
Description  PA Module for CDMA PCS (1850-1910 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77112 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CX77112 Datasheet HTML 1Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 2Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 3Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 4Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77112 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PA MODULE FOR CDMA PCS (1850–1910 MHZ)
DATA SHEET • CX77112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101904F • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • June 1, 2005
3
Table 4. Electrical Specifications for CDMA Nominal Operating Conditions (1)
Characteristics
Symbol
Condition
Minimum
Typical
Maximum
Unit
GLOW
VCONT = 2.5 V
PO = 16 dB
24.0
25.0
26.3
Gain conditions
Digital Mode
GHIGH
VCONT = 0.5 V
PO = 29 dBm
27.0
28.5
30.0
dB
PAELOW
VCONT = 2.5 V
PO = 16 dB
7.0
8.5
Power Added Efficiency
Digital Mode
PAEHIGH
VCONT = 0.5 V
PO = 29 dBm
37.0
40.0
%
ICC_LOW
PO = 16 dBm
135
160
Total Supply current
ICC_HIGH
PO = 29 dBm
580
625
mA
IQ_LOW
VCONT = 2.5 V
35
50
65
Quiescent current
IQ_HIGH
VCONT = 0.5 V
80
95
115
mA
Reference current
IREF
6.0
10.0
mA
Control current
ICONT
VCONT = 2.5 V
140
250
µA
Total Supply current in Power-down Mode
IPD
VCC = 3.4 V
VREF = 0 V
3.0
4.0
µA
ACP1LOW
VCONT = 2.5 V
PO = 16 dB
–50
–48
1.25 MHz offset
ACP1HIGH
VCONT = 0.5 V
PO = 29 dBm
–51
–49
ACP3LOW
VCONT = 2.5 V
PO = 16 dB
–68
–60
Adjacent Channel Power (2)(3)
2.25 MHz offset
ACP3HIGH
VCONT = 0.5 V
PO = 29 dBm
–60
–57
dBc
Second
FO2
PO
≤ 29 dBm
–35
–32
Harmonic Suppression
Third
FO3
PO
≤ 29 dBm
–55
–40
dBc
Noise Power in RX Band 1930-1990 MHz
RxBN
PO
≤ 29 dBm
–136
–135
dBm/Hz
Noise Figure
NF
5.5
6.0
dB
Input Voltage Standing Wave Ratio
VSWR
2.0:1
Stability (Spurious output)
S
5:1 VSWR
All phases
–65
dBc
Ruggedness – No damage (4)
Ru
PO
≤ 29 dBm
10:1
VSWR
(1) VCC = +3.4 V, V
REF
= +2.85 V, Freq = 1880 MHz, TC = 25 °C, unless otherwise specified
(2) ACP is specified per IS95 as the ratio of the total in-band power (1.23 MHz BW) to adjacent power in a 30 kHz BW.
(3) CDMA2000 is configured as DCHH = 9600, SCHO = 9600, PCH (Walsh 0) = –3.75 dB, and Peak-to-Average Ratio (CCDF = 1%) = 4.45 dB. For CDMA2000, back off output power 0.5 dB is
required.
(4) All phases, time = 10 seconds.


Similar Part No. - CX77112

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77105-16P SKYWORKS-CX77105-16P Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107-14P SKYWORKS-CX77107-14P Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
More results

Similar Description - CX77112

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77149 SKYWORKS-SKY77149_06 Datasheet
185Kb / 13P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
SKY77418 SKYWORKS-SKY77418 Datasheet
44Kb / 2P
   LIPA Module for CDMA / PCS (1850-1910 MHz)
RM807 SKYWORKS-RM807 Datasheet
544Kb / 14P
   Power Amplifier Module for TDMA PCS (1850-1910 MHz)
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
logo
Tyco Electronics
MAAPSS0003 MACOM-MAAPSS0003 Datasheet
37Kb / 3P
   PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
PA1133 MACOM-PA1133 Datasheet
162Kb / 1P
   1850-1910 MHz,Linear Power Amplifier
MAMXES0080 MACOM-MAMXES0080 Datasheet
71Kb / 2P
   High IP3 Mixer 1850 - 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com