Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM009 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # RM009
Description  Power Amplifier Module for Dual-band GSM900 DCS1800
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RM009 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  RM009 Datasheet HTML 1Page - Skyworks Solutions Inc. RM009 Datasheet HTML 2Page - Skyworks Solutions Inc. RM009 Datasheet HTML 3Page - Skyworks Solutions Inc. RM009 Datasheet HTML 4Page - Skyworks Solutions Inc. RM009 Datasheet HTML 5Page - Skyworks Solutions Inc. RM009 Datasheet HTML 6Page - Skyworks Solutions Inc. RM009 Datasheet HTML 7Page - Skyworks Solutions Inc. RM009 Datasheet HTML 8Page - Skyworks Solutions Inc. RM009 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Electrical Specifications
RM009
Power Amplifier Module for Dual-band GSM900 DCS1800 Applications
2
Skyworks Solutions, Inc. Proprietary
101258B
July 26, 2002
Electrical Specifications
Table 1 provides the absolute maximum ratings of the RM009, Table 2 shows the recommended
operating conditions and Table 3 shows the electrical characteristics.
Table 1. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Unit
Supply Voltage (VCC)
7V
Storage Temperature
–55
+125
°C
Table 2. Recommended Operating Conditions
Parameter
Minimum
Typical
Maximum
Unit
Supply Voltage (VCC)
2.7
3.2
4.5
V
Temperature
–30
+85
°C
Table 3. RM009 Electrical Specifications (1 of 2)
Parameter
Symbol
Test Condition
Minimum Typical Maximum Units
GSM Mode (f = 880 MHz to 915 MHz and PIN = 8 dBm to 12 dBm)
Frequency Range GSM900
f1
880
915
MHz
Input Power GSM900
PINGSM
810
12
dBm
Leakage Current
ILEAKAGE
VCC = 4.5 V
VAPC = 0 V
VBS = 0 V
5
µA
Efficiency GSM900
ηGSM
PINGSM = 10 dBm
46
54
%
GSM 2nd and 3rd Harmonic
Distortion
H2GSM
POUTGSM = 34.5 dBm
–39.5
45
dBc
Output Power GSM900
POUTGSM
PINGSM = 10 dBm
34.5
35
dBm
POUTGSM
PINGSM = 10 dBm
VCC = 2.7 V
TCASE = –20 °C to +85 °C
32
——
dBm
Input VSWR
VSWR(IN) All
1.5:1
2:1
Isolation GSM900
PINGSM = 10 dBm
APC= 0.2 V
—–40
30
dBm
Cross Isolation
POUTGSM = 34.5 dBm
—–30
25
dBm
Noise Floor GSM900
PINGSM = 10 dBm,
BW = 100 kHz,
fo ±20 MHz offset
——
–84
dBm
Bandselect Thresholds:
GSM
DCS
VBSLMAX
VBSHMIN
2.0
0.5
V
V


Similar Part No. - RM009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RM0004 STMICROELECTRONICS-RM0004 Datasheet
7Mb / 1176P
   Programmer?셲 reference manual for Book E processors
RM0008 STMICROELECTRONICS-RM0008 Datasheet
12Mb / 1134P
   STM32F101xx, STM32F102xx, STM32F103xx, STM32F105xx and STM32F107xx advanced Arm-based 32-bit MCUs
December 2018 Rev 20
RM0016 STMICROELECTRONICS-RM0016 Datasheet
9Mb / 467P
   STM8S Series and STM8AF Series 8-bit microcontrollers
October 2017 Rev 14
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
   The SPC560Bx and SPC560Cx is a new family
RM0020 STMICROELECTRONICS-RM0020 Datasheet
759Kb / 69P
   SPC56xx DSP function library 2
More results

Similar Description - RM009

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
   Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
NXP Semiconductors
BGY282 PHILIPS-BGY282 Datasheet
386Kb / 12P
   dual band UHF amplifier module for GSM900 and GSM1800
2001 Dec 04
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
RF Micro Devices
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com