Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2051K01-E2 Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R2051K01-E2
Description  2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2051K01-E2 Datasheet(HTML) 1 Page - RICOH electronics devices division

  R2051K01-E2 Datasheet HTML 1Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 2Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 3Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 4Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 5Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 6Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 7Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 8Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
R2051 SERIES
2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
NO.EA-104-070626
1
OUTLINE
The R2051 is a CMOS real-time clock IC connected to the CPU by two signal lines, SCL and SDA, and
configured to perform serial transmission of time and calendar data to the CPU. Further, battery backup switchover
circuit and a voltage detector are incorporated. The periodic interrupt circuit is configured to generate interrupt
signals with six selectable interrupts ranging from 0.5 seconds to 1 month. The 2 alarm interrupt circuits generate
interrupt signals at preset times. As the oscillation circuit is driven under constant voltage, fluctuation of the
oscillator frequency due to supply voltage is small, and the time keeping current is small (TYP. 0.4
µA at 3V). The
oscillation halt sensing circuit can be used to judge the validity of internal data in such events as power-on; The
supply voltage monitoring circuit is configured to record a drop in supply voltage below two selectable supply
voltage monitoring threshold settings. The 32.768kHz clock output function (CMOS output) is intended to output
sub-clock pulses for the external microcomputer. The oscillation adjustment circuit is intended to adjust time counts
with high precision by correcting deviations in the oscillation frequency of the quartz crystal unit. Battery backup
switchover function is the automatic switchover circuit between a main power supply and a backup battery of
primary or secondary battery. Switchover is executed by monitoring the voltage of a main power supply, therefore
the voltage of a backup battery voltage is not relevant.
Since the package for these ICs is SSOP16 (5.0x6.4x1.25:
R2051Sxx), FFP12 (2.0x2.0x1.0: R2051Kxx), or TSSOP10G (4.0x2.9x1.0: R2051Txx), high density mounting of
ICs on boards is possible.
FEATURES
Minimum Timekeeping supply voltage Typ. 0.75V (Max. 1.00V); VDD pin
Low power consumption 0.4
µA TYP (1.0µA MAX.) at VDD=3V
Built-in Backup switchover circuit (can be used for a primary battery, a secondary battery, or an electric double
layer capacitor)
Only two signal lines (SCL and SDA) required for connection to the CPU. ( I
2C-Bus Interface, 400kHz)
Time counters (counting hours, minutes, and seconds) and calendar counters (counting years, months, days,
and weeks) (in BCD format)
Interrupt circuit configured to generate interrupt signals (with interrupts ranging from 0.5 seconds to 1 month)
to the CPU and provided with an interrupt flag and an interrupt halt (except R2051Txx)
2 alarm interrupt circuits (Alarm_W for week, hour, and minute alarm settings and Alarm_D for hour and
minute alarm settings) (except R2051Txx)
Built-in voltage detector with delay
With Power-on flag to prove that the power supply starts from 0V
32-kHz clock output pin (CMOS output. “H” level is always equal to VCC.)
Supply voltage monitoring circuit with two supply voltage monitoring threshold settings
Automatic identification of leap years up to the year 2099
Selectable 12-hour and 24-hour mode settings
High precision oscillation adjustment circuit
Built-in oscillation stabilization capacitors (CG and CD)
CMOS process
Package SSOP16 (5.0mm x 6.4mm x 1.25mm : R2051Sxx), FFP12 (2.0mm x 2.0mm x 1.0mm : R2051Kxx)
TSSOP10G (4.0x2.9x1.0: R2051Txx)


Similar Part No. - R2051K01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
R2051S02-E2-F RICOH-R2051S02-E2-F Datasheet
739Kb / 49P
   High precision I2 C-Bus Real-Time Clock Module
More results

Similar Description - R2051K01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com