Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP670C-25 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # QTLP670C-25
Description  PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

QTLP670C-25 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  QTLP670C-25 Datasheet HTML 1Page - Everlight Electronics Co., Ltd QTLP670C-25 Datasheet HTML 2Page - Everlight Electronics Co., Ltd QTLP670C-25 Datasheet HTML 3Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLCC-4 (BI-COLOR) PACKAGE
SURFACE MOUNT LED LAMP
1 of 3
6/2/00
300062A
FEATURES
• Non-diffused package excellent for
back-lighting and coupling to light pipe
• Low package profile
• Wide viewing angle of 120°
• Moisture proof packaging
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
Continuous Forward Current
IF
30
mA
Peak Forward Current
IF
160
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage (IR = 10 µA)
VR
5V
Power Dissipation
PD
100
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
DESCRIPTION
This bi-color surface mount lamp is designed with a flat top and
sides for automatic placement equipment. It is compatible with
convective IR and vapor phase reflow soldering and conductive
epoxy attachment process. The package size and configuration
conform to EIA-535 BAAC standard specification for case size
3528 tantalum capacitor.
PACKAGE DIMENSIONS
0.094 (2.4)
CATHODE
0.118 (3.0)
0.102 (2.6)
0.043 (1.1)
0.020 (0.5)
0.083 (2.1)
0.067 (1.7)
0.035 (0.9)
0.028 (0.7)
0.134 (3.4)
0.118 (3.0)
0.091 (2.3)
0.083 (2.1)
0.007 (.18)
0.005 (.12)
0.041 (0.1)
0.067 (1.7)
0.052 (1.3)
0.142 (3.6)
0.126 (3.2)
12
4
3
NOTE:
1. All dimensions are in inches (mm).
2. Pin-out connections are on page 3.
HER / PURE GREEN
QTLP670C25.7744D
Part Number
QTLP670C25.7744D
Condition
Luminous Intensity (mcd)
IF = 20 mA
Red - Cat 17 & 18
4 - 8, 6.5 - 13
Green - Cat 15 & 16
1.5 - 3.0, 2.5 - 5.0
Forward Voltage (V)
IF = 20 mA
Maximum
2.8 / 2.8
Typical
2.0 / 2.0
Wavelength (nm)
IF = 20 mA
Peak
635 / 555
Dominant
628 / 560
Spectral Line Half Width (nm)
45 / 22
IF = 20 mA
Viewing Angle (°)
120
IF = 20 mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)


Similar Part No. - QTLP670C-25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP670C-23 FAIRCHILD-QTLP670C-23 Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-23TR FAIRCHILD-QTLP670C-23TR Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-24 FAIRCHILD-QTLP670C-24 Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
More results

Similar Description - QTLP670C-25

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL008-WCYG0113 P-TEC-PL008-WCYG0113 Datasheet
32Kb / 1P
   Bi-Color SMD LED PLCC-4 Package
PL008-WCRG1213 P-TEC-PL008-WCRG1213 Datasheet
32Kb / 1P
   Bi-Color SMD LED PLCC-4 Package
PL008-WCRG0521 P-TEC-PL008-WCRG0521 Datasheet
32Kb / 1P
   Bi-Color Red/Green SMD LED PLCC-4 Package
PL008-WCRG0523 P-TEC-PL008-WCRG0523 Datasheet
32Kb / 1P
   Bi-Color Red/Green SMD LED PLCC-4 Package
PL008-WCRG2115 P-TEC-PL008-WCRG2115 Datasheet
32Kb / 1P
   Bi-Color Red/Green SMD LED PLCC-4 Package
logo
Fairchild Semiconductor
QTLP610C-RAG FAIRCHILD-QTLP610C-RAG Datasheet
144Kb / 6P
   SURFACE MOUNT LED LAMP Bi-Color Right Angle
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
Kingbright Corporation
AAA5060SYEVGEC KINGBRIGHT-AAA5060SYEVGEC Datasheet
199Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C FAIRCHILD-QTLP670C Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
logo
SunLED Corporation
ZM2CRCY82W SUNLED-ZM2CRCY82W Datasheet
241Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com