Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX20470 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CX20470
Description  CDMA Baseband Analog Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX20470 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CX20470 Datasheet HTML 1Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 2Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 3Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 4Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 5Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 6Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 7Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 8Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CDMA BAP
CX20470
101106A
Skyworks – Preliminary
3
August 24, 2000
Proprietary Information and Specifications are Subject to Change
C847
QOFFSET
RXQ/
RXQ
RXI/
RXI
ADC_IN1
ADC_IN0
AVSSSY1
TXPDOUT
AVDDSY1
TXPLLIN/
1
2
3
4
5
6
7
8
9
10
11
TXPLLIN
SYNENA
LOCK
12
13
14
CHIPx8
TXCLK/
DVDD
DVSS
ADCDATA
ADCCLK
ADCENA
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Figure 2. CX20470 BAP Pinout – 56-Pin LGA Package
Baseband ASIC
RF250/
RF260
Speaker
RF Chipset
Microphone
CNXT043
PA
BAP
Codec
RF251/
RF261
CX20470
Figure 3. CX20470 General Block Diagram


Similar Part No. - CX20470

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2047 PULSE-CX2047 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2047L PULSE-CX2047L Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2047LANL PULSE-CX2047LANL Datasheet
146Kb / 2P
   Balun Transformer
CX2047LNL PULSE-CX2047LNL Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
CX2047LNL PULSE-CX2047LNL Datasheet
116Kb / 1P
   RF TRANSFORMER, 1:4CT
More results

Similar Description - CX20470

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
CX20536 ETC-CX20536 Datasheet
48Kb / 2P
   CX20536: CDMA and GPS Baseband Analog Processor
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
   TETRA Baseband Processor
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
logo
Micronas
BSP3505D MICRONAS-BSP3505D Datasheet
267Kb / 40P
   Baseband Sound Processor
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com