Electronic Components Datasheet Search |
|
RA03M3540MD Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor |
|
RA03M3540MD Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor |
7 / 7 page MITSUBISHI RF POWER MODULE RoHS COMPLIANT RA03M3540MD RA03M3540MD MITSUBISHI ELECTRIC 31 Jan 2007 7/7 ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS Output Power Adjust.: Depending on linearity, the following two methods are recommended to adjust. the output power: a) Non-linear FM modulation: By the gate voltage (VGG). b) Linear modulation: By RF input power Pin. The gate voltage is used to set the drain’s quiescent current for the required linearity. Oscillation: To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor. When an amplifier circuit around this module shows oscillation, the following may be checked: a) Do the bias decoupling capacitors have a low inductance pass to the case of the module. b) Is the load impedance ZL=50Ω. c) Is the source impedance ZG=50Ω. Frequent on/off switching: In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally induced mechanical stress. Quality: Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions exceeding those of mobile radios. This module technology results from more than 20 years of experience, field proven in tens of millions of mobile radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout, which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures are found. Keep safety first in your circuit designs! Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or mishap. |
Similar Part No. - RA03M3540MD |
|
Similar Description - RA03M3540MD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |