Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS22053 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS22053
Description  1200V/10A low-loss 4th generation IGBT inverter bridge for 3 phase DC-to-AC power conversion
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS22053 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PS22053 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS22053 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS22053
TRANSFER-MOLD TYPE
INSULATED TYPE
May 2005
Fig. 4 THE DIP-IPM INTERNAL CIRCUIT
DIP-IPM
UOUT
UVNO
VVNO
VOUT
WOUT
WVNO
CFO
GND
Fo
WN
VN
UN
VCC
HVIC3
HVIC2
HVIC1
LVIC
CFO
CIN
CIN
W
V
U
P
HO
IN
COM
VB
VS
VCC
HO
IN
COM
VB
VS
VCC
HO
IN
COM
VB
VS
VCC
Fo
WN
VN
UN
WP
VP
UP
VNC
VN1
VP1
VP1
VP1
VWFS
VVFS
VUFS
VWFB
VVFB
VUFB
NU
NV
NW
IGBT1
IGBT2
IGBT3
IGBT4
IGBT5
IGBT6
Di1
Di2
Di3
Di4
Di5
Di6
VPC


Similar Part No. - PS22053

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS22053 POWEREX-PS22053 Datasheet
563Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/1200 Volts
More results

Similar Description - PS22053

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22054 MITSUBISHI-PS22054 Datasheet
127Kb / 9P
   1200V/15A low-loss 4th generation IGBT inverter bridge for 3 phase DC-to-AC power conversion
PS21353-N MITSUBISHI-PS21353-N Datasheet
180Kb / 9P
   600V/10A low-loss 4th generation (planar) IGBT inverter bridge for 3 phase DC-to-AC power conversion.
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-S MITSUBISHI-PS21963-S Datasheet
92Kb / 8P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-ST MITSUBISHI-PS21963-ST Datasheet
135Kb / 8P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21963-T MITSUBISHI-PS21963-T Datasheet
183Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4S MITSUBISHI-PS21963-4S Datasheet
130Kb / 8P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21963-A MITSUBISHI-PS21963-A Datasheet
131Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS22056 MITSUBISHI-PS22056 Datasheet
119Kb / 9P
   1200V/25A low-loss 4th generation IGBT inverter bridge
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com