Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV111-4415A-A104 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTV111-4415A-A104
Description  11mm Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV111-4415A-A104 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTV111-4415A-A104 Datasheet HTML 1Page - Bourns Electronic Solutions PTV111-4415A-A104 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PTV111/PTT111 - 11mm Potentiometer
S ecifications are s bject to change itho t notice
226
PTV111-2
L
F
30
°
DIA. HOLES 4 PLCS.
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
0.5
(.019)
2.6
(.102)
10.0
(.393)
2.0
(.078)
6.1
(.240)
3.5
(.137)
8.5
(.334)
0.5
(.019)
1.5
(.059)
1.6
(.062)
9.4
(.370)
6.7
(.263)
11.0
(.433)
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
3.3
(.129)
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
12.0
(.472)
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
1
2
3
4
10.2
(.401)
2.0
+0.1
-0.0
(.078
)
+0.003
-0.0
3.2
(.125)
Features
s
Carbon element
s
Insulated shaft
s
Snap-in clip
s
Center detent
s
Center tap option
s
Assorted pin layouts
Applications
s
Audio/TV sets
s
Car radio
s
Amplifiers/mixers/drum machines/
synthesizers
s
PCs/monitors
s
Appliances
Electrical Characteristics
Taper ................................................A, B
Standard Resistance Range
............................1K ohms to 1M ohms
Standard Resistance Tolerance ....±20%
Standard Nominal Resistance Value
..............See standard resistance table
Residual Resistance ..........Maximum 1%
Environmental Characteristics
Power Rating............................0.05 Watt
Maximum Operating Voltage
50V AC, 20V DC
Sliding Noise ................100mV maximum
Physical Characteristics
Mechanical Angle ......................300° ±5°
Rotational Torque..............20 to 200 gcm
Click Torque ......................30 to 300 gcm
Stop- End Strength
no bushing ................5 kgcm minimum
with bushing ..............6 kgcm minimum
Rotational Life ....10,000 cycles minimum
Soldering Condition ..............300°C max.
within 3 seconds
Product Dimensions
PTV111-4
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
3.5
(.137)
2.0
± 0.15
(.078
± .005)
L
F
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
0.5
(.019)
0.5
(.019)
1.5
(.059)
30
°
6.7
(.263)
11.0
(.433)
12.0
(.472)
8.5
(.334)
10.0
(.393)
11.0
(.433)
3.2
(.125)
TERMINAL DETAIL
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
DIA. HOLES 4 PLCS.
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
1
2
3
4
13.0
(.511)
2.0 -0.0
(.078
)
+0.003
-0.0
11.0
(.433)
L
20
25
(.787)
(.984)
F
712
(.275)
(.472)
Dimensions Without Bushing
12
3
MODEL PTV 111
MODEL PTT 111
DUMMY
4
12
3
4
Electrical Diagrams
DIMENSIONS ARE:
METRIC
(INCHES)


Similar Part No. - PTV111-4415A-A104

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV111-4415A-A1102 BOURNS-PTV111-4415A-A1102 Datasheet
298Kb / 3P
   12 mm Potentiometer
PTV111-4415A-A1202 BOURNS-PTV111-4415A-A1202 Datasheet
298Kb / 3P
   12 mm Potentiometer
PTV111-4415A-A1502 BOURNS-PTV111-4415A-A1502 Datasheet
298Kb / 3P
   12 mm Potentiometer
More results

Similar Description - PTV111-4415A-A104

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
   11mm Rotary Potentiometer
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
   11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
Kingbright Corporation
AA1114-2PBCA-CC KINGBRIGHT-AA1114-2PBCA-CC Datasheet
127Kb / 4P
   11mm x 1.4mm BACKLIGHT
logo
SunLED Corporation
ZVG66W SUNLED-ZVG66W Datasheet
174Kb / 4P
   11mm x 1.4mm BACKLIGHT
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
   11mm Rotary Encoder
logo
HARTING Technology Grou...
09-00-000-5358 HARTING-09-00-000-5358 Datasheet
457Kb / 2P
   Kabeldurchf체hrungst체lle 10-11mm
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com