Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVD13N Datasheet(PDF) 3 Page - International Rectifier

Part # PVD13N
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD13N Datasheet(HTML) 3 Page - International Rectifier

  PVD13N Datasheet HTML 1Page - International Rectifier PVD13N Datasheet HTML 2Page - International Rectifier PVD13N Datasheet HTML 3Page - International Rectifier PVD13N Datasheet HTML 4Page - International Rectifier PVD13N Datasheet HTML 5Page - International Rectifier PVD13N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series PVD13N
www.irf.com
3
Figure 1. Current Derating Curves
Figure 2. Typical Control Current Requirements
Figure 3.Typical On Characteristics
ILED (mA)
Ambient Temperature (°C)
Ambient Temperature (°C)
Figure 4. Typical Normalized On-Resistance
VDD (Volts)
0
100
200
300
400
500
600
700
800
0
2040
6080
100
P ulsed, 25ºC
I LED = 5m A, F orced Air
25ºC
40ºC
60ºC
85ºC
ILED=2m A
ILE D> 5m A
5 mA Control
lD = 100 mA
1000
900
800
700
600
500
400
300
200
100
0
0.0
0.5
1.0
1.5
2.0


Similar Part No. - PVD13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVD13NPBF IRF-PVD13NPBF Datasheet
222Kb / 7P
   Bounce-Free Operation
PVD13NPBF IRF-PVD13NPBF_15 Datasheet
222Kb / 7P
   Bounce-Free Operation
More results

Similar Description - PVD13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
   POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com