Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48502AAS Datasheet(PDF) 1 Page - Texas Instruments

Part # PTB48502AAS
Description  DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48502AAS Datasheet(HTML) 1 Page - Texas Instruments

  PTB48502AAS Datasheet HTML 1Page - Texas Instruments PTB48502AAS Datasheet HTML 2Page - Texas Instruments PTB48502AAS Datasheet HTML 3Page - Texas Instruments PTB48502AAS Datasheet HTML 4Page - Texas Instruments PTB48502AAS Datasheet HTML 5Page - Texas Instruments PTB48502AAS Datasheet HTML 6Page - Texas Instruments PTB48502AAS Datasheet HTML 7Page - Texas Instruments PTB48502AAS Datasheet HTML 8Page - Texas Instruments PTB48502AAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DESCRIPTION
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
Dual Outputs (Independently Regulated)
The PTB4850x power modules are a dual-output
isolated DC/DC converter, designed to provide the
Input Voltage Range: 36 V to 75 V
logic
supply
voltages
for
AC-7
based
xDSL
Power-Up/Down Sequencing
applications. The PTB48500 is rated for 13 A of total
1500 VDC Isolation
output current, making it suitable for 32-channel
Over-Current Protection
xDSL applications. The PTB48501 and PTB48502
provide output current for powering up to 64 xDSL
Over-Temperature Shutdown
channels. The PTB48501 is rated for 16.5 A total
Under-Voltage Lockout
output current, and the PTB48502, 21 A. The
Fixed Frequency Operation
PTB48502 incorporates 10 W of additional capacity
for powering peripheral circuitry. Any of these
Temp Range: –40
°C to 85°C
converters can be used for other applications with
Industry Standard Outline
similar power requirements.
Operates with PTB4851x for Complete AC7
The modules operate from a standard telecom
Power Solution
(–48 V) central office (CO) supply and include an
Powers up to 64 DSL Ports
on/off
enable
control,
output
current
limit,
over-temperature
protection,
input
under-voltage
Safety Approvals:
lockout (UVLO). The PTB48500 and PTB48501 also
– UL/cUL 60950
incorporates a power-up reset (POR) output.
– EN 60950
The modules are designed to operate with one of the
PTB4851x
DC/DC
converter
modules.
The
combination of PTB4850x and PTB4851x converter
provides the complete the power supply for an AC7
chipset. The EN Out and Sync Out pins provide
compatible output signals for controlling both the
power up sequence and switching frequency the
PTB48510.
The
PTB4850x
modules
employ
double-sided
surface mount construction, and are an industry
standard size.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTB48502AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48502AAH TI1-PTB48502AAH Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502AAZ TI1-PTB48502AAZ Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502AAZ TI1-PTB48502AAZ Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTB48502AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com