Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6C6264 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS6C6264
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS6C6264 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
®
8K X 8 BIT LOW POWER CMOS SRAM
ORDERING INFORMATION
Ordering Codes
Part numbering system
AS6C
6264
- 55
X
X
N
low
power
SRAM
prefix
Device
Number
6264
Access
Time
Package Options:
P = 28 pin 600 mil P-DIP
S = 28 pin 330 mil SOP
ST = 28 pin sTSOP (8mm x 13.4 mm)
Temperature Range:
C = Commercial
(0ºC to +70º C)
I = Industrial
(-40º to +85º C)
N = Lead
Free ROHS
Compliant
Part
February 2007
AS6C6264
02/Feb/07, v1.0
Alliance Memory Inc
Page 11 of 12
Alliance
Organization VCC range
Package
Operating
Temp
Speed
ns
AS6C6264-55PCN
8k x 8
2.7-5.5V
28pin 600mil PDIP
Commercial ~
0º C to 70º C
55
AS6C6264-55SCN
8k x 8
2.7-5.5V
28pin 330mil SOP
Commercial ~
0º C to 70º C
55
AS6C6264-55SIN
8k x 8
2.7-5.5V
28pin 330mil SOP
Industrial ~
-40ºC to 85º C
55
AS6C6264-55STCN
8k x 8
2.7-5.5V
28pin sTSOP (8 x 13.4 mm)
Commercial ~
0º C to 70º C
55
AS6C6264-55STIN
8k x 8
2.7-5.5V
28pin sTSOP (8 x 13.4 mm)
Industrial ~
-40ºC to 85º C
55


Similar Part No. - AS6C6264

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
   Common data inputs and outputs
AS6C6264A-70PCN ALSC-AS6C6264A-70PCN Datasheet
885Kb / 10P
   Common data inputs and outputs
AS6C6264A-70PIN ALSC-AS6C6264A-70PIN Datasheet
885Kb / 10P
   Common data inputs and outputs
AS6C6264A-70SCN ALSC-AS6C6264A-70SCN Datasheet
885Kb / 10P
   Common data inputs and outputs
More results

Similar Description - AS6C6264

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com