Electronic Components Datasheet Search |
|
PS21964-4A Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
PS21964-4A Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor |
6 / 10 page MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module> PS21964-4/-4A/-4C/-4W TRANSFER-MOLD TYPE INSULATED TYPE Aug. 2007 6 Note 7: Flatness measurement position +– + – Heat sink side Heat sink side 4.6mm DIP-IPM Measurement position Mounting screw : M3 (Note 6) Condition Parameter Limits Mounting torque Weight Heat-sink flatness Min. MECHANICAL CHARACTERISTICS AND RATINGS Typ. Max. 0.59 — –50 Unit — 10 — 0.78 — 100 N·m g µm Recommended : 0.69 N·m (Note 7) Note 6 : Plain washers (ISO 7089~7094) are recommended. CONTROL (PROTECTION) PART Note 4 : Short circuit protection is functioning only for the lower-arms. Please select the external shunt resistance such that the SC trip-level is less than 1.7 times of the current rating. 5: Fault signal is asserted corresponding to a short circuit or lower side control supply under-voltage failure. Symbol ID VFOH VFOL VSC(ref) IIN UVDBt UVDBr UVDt UVDr tFO Vth(on) Vth(off) Vth(hys) Parameter Condition Limits Unit VD = VDB = 15V VIN = 5V VSC = 0V, FO terminal pull-up to 5V by 10k Ω VSC = 1V, IFO = 1mA Tj = 25 °C, VD = 15V (Note 4) VIN = 5V Trip level Reset level Trip level Reset level (Note 5) Applied between UP, VP, WP, UN, VN, WN-VNC — — — — 4.9 — 0.43 0.70 10.0 10.5 10.3 10.8 20 — 0.8 0.35 — — — — — — 0.48 1.00 — — — — — 2.1 1.3 0.65 2.80 0.55 2.80 0.55 — 0.95 0.53 1.50 12.0 12.5 12.5 13.0 — 2.6 — — Min. Typ. Max. mA mA mA mA V V V mA V V V V µs V V V VD = VDB = 15V VIN = 0V Tj ≤ 125°C Circuit current Fault output voltage Short circuit trip level Control supply under-voltage protection Fault output pulse width ON threshold voltage OFF threshold voltage ON/OFF threshold hysteresis voltage Total of VP1-VNC, VN1-VNC VUFB-U, VVFB-V, VWFB-W Total of VP1-VNC, VN1-VNC VUFB-U, VVFB-V, VWFB-W Input current |
Similar Part No. - PS21964-4A |
|
Similar Description - PS21964-4A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |