Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21964-4 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21964-4
Description  600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21964-4 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21964-4 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21964-4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21964-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
4
V
V
V
V
mA
V
20
20
–0.5~VD+0.5
–0.5~VD+0.5
1
–0.5~VD+0.5
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
Applied between UP, VP, WP, UN, VN,
WN-VNC
Applied between FO-VNC
Sink current at FO terminal
Applied between CIN-VNC
Control supply voltage
Control supply voltage
Input voltage
Fault output supply voltage
Fault output current
Current sensing input voltage
VD
VDB
VIN
VFO
IFO
VSC
450
500
600
15
30
33.3
–20~+125
Applied between P-N
Applied between P-N
TC = 25
°C
TC = 25
°C, less than 1ms
TC = 25
°C, per 1 chip
(Note 1)
VCC
VCC(surge)
VCES
±IC
±ICP
PC
Tj
Condition
Symbol
Parameter
Ratings
Unit
Supply voltage
Supply voltage (surge)
Collector-emitter voltage
Each IGBT collector current
Each IGBT collector current (peak)
Collector dissipation
Junction temperature
V
V
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Condition
Symbol
Parameter
Ratings
Unit
CONTROL (PROTECTION) PART
Note 1 : The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150
°C (@ TC ≤ 100°C). However, to
ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(ave)
≤ 125°C (@ TC ≤ 100°C).
Note1: In the recommended external protection circuit, please select the RC time constant in the range 1.5~2.0
µs.
2: To prevent erroneous protection operation, the wiring of A, B, C should be as short as possible.
Drive circuit
Drive circuit
Protection circuit
W
V
U
B
C
VNC
CIN
A
P
N1
N
C
R
Shunt Resistor
External protection circuit
DIP-IPM
L-side IGBTS
H-side IGBTS
SC Protection
Trip Level
IC (A)
tw (
µs)
2
0
Short Circuit Protective Function (SC) :
SC protection is achieved by sensing the L-side DC-Bus current (through the external
shunt resistor) after allowing a suitable filtering time (defined by the RC circuit).
When the sensed shunt voltage exceeds the SC trip-level, all the L-side IGBTs are turned
OFF and a fault signal (Fo) is output. Since the SC fault may be repetitive, it is
recommended to stop the system when the Fo signal is received and check the fault.
Collector current
waveform
(Note 1)
(Note 2)
Fig. 6 EXTERNAL PART OF THE DIP-IPM PROTECTION CIRCUIT


Similar Part No. - PS21964-4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-4S MITSUBISHI-PS21964-4S Datasheet
130Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21964-4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-T MITSUBISHI-PS21964-T Datasheet
183Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4S MITSUBISHI-PS21964-4S Datasheet
130Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-S MITSUBISHI-PS21964-S Datasheet
92Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-A MITSUBISHI-PS21964-A Datasheet
131Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com