Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963-EST Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21963-EST
Description  600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-EST Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PS21963-EST Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-EST
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2007
6
Error output Fo
Output current Ic
Control supply voltage VD
Protection circuit state
Control input
b1
b2
b3
b4
b5
RESET
RESET
UVDt
UVDr
SET
b6
b7
Protection circuit state
Lower-side control
input
Error output Fo
Sense voltage of the
shunt resistor
Output current Ic
Internal IGBT gate
SC reference voltage
CR circuit time
constant DELAY
a5
a8
a4
a3
a1
a2
SC
RESET
SET
a7
a6
Fig. 3 TIMING CHART OF THE DIP-IPM PROTECTIVE FUNCTIONS
[A] Short-Circuit Protection (Lower-side only with the external shunt resistor and CR filter)
a1. Normal operation : IGBT ON and carrying current.
a2. Short circuit detection (SC trigger).
a3. IGBT gate hard interruption.
a4. IGBT turns OFF.
a5. FO outputs (tFO(min) = 20µs).
a6. Input “L” : IGBT OFF.
a7. Input “H” : IGBT ON.
a8. IGBT OFF in spite of input “H”.
[B] Under-Voltage Protection (Lower-side, UVD)
b1. Control supply voltage rising : After the voltage level reaches UVDr, the circuits start to operate when next input is applied.
b2. Normal operation : IGBT ON and carrying current.
b3. Under voltage trip (UVDt).
b4. IGBT OFF in spite of control input condition.
b5. FO outputs (tFO ≥ 20µs and FO outputs continuously during UV period).
b6. Under voltage reset (UVDr).
b7. Normal operation : IGBT ON and carrying current.


Similar Part No. - PS21963-EST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-EST MITSUBISHI-PS21963-EST Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-EST MITSUBISHI-PS21963-EST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21963-EST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-ET MITSUBISHI-PS21963-ET Datasheet
183Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
130Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4E MITSUBISHI-PS21963-4E Datasheet
179Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
130Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-T MITSUBISHI-PS21965-T Datasheet
183Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4 MITSUBISHI-PS21965-4 Datasheet
179Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-ST MITSUBISHI-PS21965-ST Datasheet
134Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com