Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271MD6100MR30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PME271MD6100MR30
Description  EMI suppressor, classes X1 and X2, metallized paper
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PME271MD6100MR30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PME271MD6100MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME271MD6100MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PME271MD6100MR30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
162
PME271M
PME271E
275
300
0.001–0.6
0.01–0.22
–40/+110
–40/+110
40/110/56/B
40/110/56/B
± 10% for C > 0.1 µF, code K. ± 20% for C
≤ 0.1 µF, code M
S, N, D, FI, VDE, SEV, IMQ, UL, CSA
≤ 1.3 % at 1 kHz
C
≤ 0.33 µF ≥ 12000 MΩ
C > 0.33 µF
≥ 4000 s
Measured at 500 VDC after 60 s, +23°C
Recommended voltage:
≤ 630 VDC
Tabulated self-resonance frequencies f
0 refer to 5 mm
lead lengths.
The 100% screening factory test is carried out at 2150 VDC.
The voltage level is selected to meet the requirements in
applicable equipment standards. All electrical characteristics
are checked after the test.
PME271M/E
• EMI suppressor, classes X1 and X2, metallized paper
• 0.001 – 0.6 µF, 275/300 VAC, +110 °C
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
The capacitors are intended for use as
interference suppressors in X1 or X2
(across-the-line) applications.
Multi-layer metallized paper. Encapsulated
and impregnated in self-extinguishing material
meeting the requirements of UL 94V-0.
Rated voltage VAC, 50/60Hz
Capacitance range µF
Temperature range °C
Climatic category IEC
Capacitance tolerance
Approvals
Dissipation factor tan
δδδδδ
Insulation resistance
In DC applications
Resonance frequency
Test voltage between
terminals
ENVIRONMENTAL TEST DATA
Vibration
IEC 60068-2-6, Test Fc
3 directions at 2 hour each,
No visible damage, No open or short circuit
10 – 500 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068-2-29, Test Eb 4000 bumps at 390 m/s2
No visible damage, No open or short circuit
Solderability
IEC 60068-2-20, Test Ta Solder globule method
Wetting time
for d
≤ 0.8 < 1 s
for d > 0.8 < 1.5 s
Active flammability
EN 132400
Passive flammability
IEC 60384-14 (1993), EN 132400
Humidity
IEC 60068-2-3, Test Ca
+40°C and 90 – 95% R.H.
56 days
• The highest possible safety regarding
active and passive flammability.
• Self-extinguishing UL 94V-0 encapsulation
material.
• Excellent self-healing properties. Ensures
long life even when subjected to
frequent overvoltages.
• Good resistance to ionisation due to
impregnated dielectric.
• High dU/dt capability.
• Small dimensions.
• Safety approvals for worldwide use.
• The capacitors meet the most stringent
IEC humidity class, 56 days.
• The impregnated paper ensures
excellent stability giving outstanding
reliability properties, especially in
applications having continuous
operation.
L
B
p
± 0.5
∅ d
d = 0.6 for p = 10.2
0.8 for p = 15.2, 20.3, 22.5
1.0 for p = 25.4
l =
standard
30 +5/-0 mm (code R30)
option
short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request.
Suppression versus frequency. Typical values.
1
MHz
70
60
50
40
30
20
10
0
f
dB
530
10
100
3
200
Attenuation
0.0047
µF
0.047
µF
0.47
µF


Similar Part No. - PME271MD6100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271MD6100MR30 KEMET-PME271MD6100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271MD6100MR30 KEMET-PME271MD6100MR30_17 Datasheet
53Kb / 1P
   Film, Metallized Paper, Safety, PME271M/P276, 0.1 uF, 20%, 630 V, 275 V, 110C, Lead Spacing = 22.5mm
More results

Similar Description - PME271MD6100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271 KEMET-PME271 Datasheet
56Kb / 4P
   EMI suppressor, classes X1, X2 and Y2, metallized paper
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PHE844 ETC-PHE844 Datasheet
48Kb / 2P
   EMI suppressor, class X1, metallized polypropylene
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com