Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC-4490 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # PSC-4490
Description  22.6 MHZ NYQUIST BANDPASS FILTER FOR DIGITAL TO ANALOG CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PSC-4490 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  PSC-4490 Datasheet HTML 1Page - Aeroflex Circuit Technology PSC-4490 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSC-4490
Precision Supercomponents For Critical Applications
35 South Service Road
Plainview, NY 11803
TEL: 516-694-6700
FAX: 516-694-2562
SPECIFICATIONS
OUTLINE DRAWING
RESPONSE CURVES
Figure 1: Overall Response
Figure 2: Passband Response
CHARACTERISTICS
TYPICAL
LIMITS
PASSBAND
200 HZ TO 22.6 MHZ
-
EQUALIZING SHAPE
20LOG(X/SINX) DB
WITHIN ± .075 DB
<± .1 DB
VSWR
<1.15:1
<1.2:1
INSERTION LOSS
6.0 ± .5 DB AT 200 HZ
GROUP DELAY VARIATION OVER
.6 TO 22.6 MHZ
15 NS
< 20 NS
STOPBAND REJECTION
AT 3 HZ AND BELOW
>60 DB
AT 27.4 MHZ AND ABOVE
> 30 DB
AT 38.75 MHZ AND ABOVE
> 50 DB
2.00
3.50
1.00 MAX
.25
.25
1.00
.25
.25


Similar Part No. - PSC-4490

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
PSC-4493 AEROFLEX-PSC-4493 Datasheet
365Kb / 4P
   LMDS WIRELESS FILTERS
More results

Similar Description - PSC-4490

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-9475701HXC-14 DATEL-5962-9475701HXC-14 Datasheet
165Kb / 1P
   14-Bit, 1 MHz Analog to Digital Converter
5962-9475701HXA-14 DATEL-5962-9475701HXA-14 Datasheet
165Kb / 1P
   14-Bit, 1 MHz Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com