Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21661-RZ Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
Fig. 4 PS21661-RZ PACKAGE OUTLINES
Terminals array
N
P w
y
!0
!2
!8
@0
@6
@8
q
e
t
u
o
!1
!5
!7
!9
@3
@5
@7
CIN
VWFB
VVFB
VUFB
W(VWFS)
V(VVFS)
U(VUFS)
FO
VNC
VN1
WN
WP
VN1
VN
VP
VN1
UN
UP
M
a
r
k
i
n
g
s
i
d
e
Fig. 5
Terminal No
1
2
3
5
6
7
9
10
11
12
15
17
18
19
20
23
25
26
27
28
The following pins are dummy pins are therefore should not be connected.
4,8,13,14,16,21,22,24,29,30~35 (30~35 are the high voltage side pins.)
Symbol
N
P
FO
VNC
CIN
VN1
WN
VWFB
WP
W(VWFS)
VN1
VN
VVFB
VP
V(VVFS)
VN1
UN
VUFB
UP
U(VUFS)
Inverter DC-link negative (GND) terminal
Inverter DC-link positive terminal
Fault output terminal
Control GND terminal
Short-circuit trip voltage sensing terminal
Control supply terminal
W-phase N-side control input terminal
W-phase P-side drive supply terminal
W-phase P-side control input terminal
W-phase inverter output terminal
(W-phase P-side drive supply GND terminal)
Control supply terminal
V-phase N-side control input terminal
V-phase P-side drive supply terminal
V-phase P-side control input terminal
V-phase inverter output terminal
(V-phase P-side drive supply GND terminal)
Control supply terminal
U-phase N-side control input terminal
U-phase P-side drive supply terminal
U-phase P-side control input terminal
U-phase inverter output terminal
(U-phase P-side drive supply GND terminal)
Description
q~#5 : pins numbers.


Similar Part No. - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21661-RZ POWEREX-PS21661-RZ Datasheet
78Kb / 6P
   Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PS21661-RZ MITSUBISHI-PS21661-RZ Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
PS21661-RZ/-FR MITSUBISHI-PS21661-RZ/-FR Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
   AC100V~200V inverter drive for small power motor control
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com