Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK61664W Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK61664W
Description  262,144 X 8 Bit MOS Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK61664W Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK61664W Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK61664W Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK48256 high density memory modules is a random
access memory organized in 256K x 8 bit words. The assembly
consists of eight standard 256K x 1 DRAMs in plastic leaded chip
carriers (PLCC) mounted on the front side of a printed circuit board.
The module can be configured as a leadless 30 pad SIM or a leaded
30 pin SIP. This packaging approach provides a 6 to 1 density in-
crease over standard DIP packaging.
The operation of the AK48256 is identical to eight 256K x 1 DRAMs.
The data input is tied to the data output and brought out separately
for each device, with common RAS, CAS and WE control. This
common I/O feature dictates the use of early-write cycles to prevent
contention of D and Q. Since the Write-Enable (WE) signal must al-
ways go low before CAS in a write cycle, Read-Write and
Read-Modify-Write operation is not possible.
FEATURES
· 262,144 by 8 bit organization
· Optional 30 Pad leadless SIM (Single In-Line Module) or 30
Pin leaded SIP (Single In-Line Package)
· JEDEC standard pinout
· Each device has common D and Q lines with common RAS,
CAS and WE control
· 2.8 Watt active and 180 mW standby (max)
· Operating free air temperature 0
0Cto700C
· Upward compatible with AK481024, AK581024, AK584096 and
AK5816384
· Functionally and Pin compatible with AK58256A
Accutek
Microcircuit
Corporation
AK48256S / AK48256G
262,144 X 8 Bit MOS
Dynamic Random Access Memory
1
30
1
Front View
30-Pin SIM
30-Pin SIP
PIN NOMENCLATURE
A0 -A8
Address Inputs
DQ1 -DQ8
Data In / Data Out
CAS
Column Address Strobe
RAS
Row Address Strobe
WE
Write Enable
Vcc
5v Supply
Vss
Ground
NC
No Connect
MODULE OPTIONS
Leadless SIM: AK48256S
Leaded SIP: AK48256G
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
1
Vcc
16
DQ5
2
CAS
17
A8
3
DQ!
18
NC
4A0
19
NC
5
A1
20
DQ6
6
DQ2
21
WE
7
A2
22
Vss
8
A3
23
DQ7
9
Vss
24
NC
10
DQ3
25
DQ8
11
A4
26
NC
12
A5
27
RAS
13
DQ4
28
NC
14
A6
29
NC
15
A7
30
Vcc
FUNCTIONAL DIAGRAM


Similar Part No. - AK61664W

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK61664W ACCUTEK-AK61664W Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK61664W ACCUTEK-AK61664W Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK61664W ACCUTEK-AK61664W Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK61664W ACCUTEK-AK61664W Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK61664W ACCUTEK-AK61664W Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK61664W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81464-12 FUJITSU-MB81464-12 Datasheet
1Mb / 22P
   MOS 262,144 BIT DYNAMIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK58256AG ACCUTEK-AK58256AG Datasheet
90Kb / 2P
   262,144 x 8 bit CMOS Dynamic Random Access Memory
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
logo
Hitachi Semiconductor
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS4256 TI-TMS4256 Datasheet
1Mb / 23P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Fujitsu Component Limit...
MB8264A FUJITSU-MB8264A Datasheet
782Kb / 16P
   MOS 65536-BIT DYNAMIC RANDOM ACCESS MEMORY
logo
Hitachi Semiconductor
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK481024S ACCUTEK-AK481024S Datasheet
84Kb / 2P
   1,048,576 x 8 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com