Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIIPM50E06M004 Datasheet(PDF) 10 Page - International Rectifier

Part # PIIPM50E06M004
Description  Programmable Isolated IPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50E06M004 Datasheet(HTML) 10 Page - International Rectifier

Back Button PIIPM50E06M004 Datasheet HTML 6Page - International Rectifier PIIPM50E06M004 Datasheet HTML 7Page - International Rectifier PIIPM50E06M004 Datasheet HTML 8Page - International Rectifier PIIPM50E06M004 Datasheet HTML 9Page - International Rectifier PIIPM50E06M004 Datasheet HTML 10Page - International Rectifier PIIPM50E06M004 Datasheet HTML 11Page - International Rectifier PIIPM50E06M004 Datasheet HTML 12Page - International Rectifier PIIPM50E06M004 Datasheet HTML 13Page - International Rectifier PIIPM50E06M004 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.irf.com
10
PIIPM50P12B004
I27146 01/03
Other DSP pins mapping
Symbol
Signal Definition
DSP pin name ;pin N
Comments
PWM1
OUT 1 high side IGBT gate drive signal
PWM1;39
DSP Event Manager A output
PWM2
OUT 1 low side IGBT gate drive signal
PWM2;37
DSP Event Manager A output
PWM3
OUT 2 high side IGBT gate drive signal
PWM3;36
DSP Event Manager A output
PWM4
OUT 2 low side IGBT gate drive signal
PWM4;33
DSP Event Manager A output
PWM5
OUT 3 high side IGBT gate drive signal
PWM5;31
DSP Event Manager A output
PWM6
OUT 3 low side IGBT gate drive signal
PWM6;28
DSP Event Manager A output
Enc1–Hall1 /
SpiCK
Incremental Encoder 1 / Hall effect sensor
input 1/ SpiCK input (GND iso referenced)
SPICK;24
QEP1;57
Optically isolated input
Enc2 – Hall2 /
SpiSTE
Incremental Encoder 2 / Hall effect sensor
input 2 / SpiSTE input (GND iso referenced)
SPISTE~;23
QEP2; 55
Optically isolated input
Strb – Hall3 /
SpiRx
Incremental Encoder Strobe / Hall effect
sensor input 3 / SpiSIMO input (GND iso ref.)
SPISIMO;21
CAP3; 52
Optically isolated input
SpiTx
SpiSOMI output (GND iso referenced)
SPISOMI;22
Optically isolated input
Ref3.3V
3.3V reference voltage
Vrefhi;82
Vcca; 83
3.33V reference voltage for ADC converter
5V supp.
Flash programming voltage pin
Vccp;40
Supplied by the embedded flyback regulator
Boot En~
Boot ROM enable signal
BOOT_EN~;86
See also EDB electrical characteristics
Tx
SCI transmit data
SCITXD;17
CANTX ; 50
Drives Tx+ and Tx- through an opto-isolator and a line driver
Rx
SCI receive data
SCIRX ; 18
CANRX ; 49
Driven by Rx+ and Rx- through an opto-isolator and a line driver
LFAULT
System general fault input (latched)
IOPF6;92
Activated by short circuits on output phases and DC bus minus and by
DC bus over-voltage comparator
LFAULT reset
System general fault output reset signal
IOPF5;89
LFAULT Reset signal, to be activated via software after a fault or
system boot
FAULT~
System general fault input (not latched)
PDPINTA~;6
Activated by short circuits on output phases and DC bus minus and by
DC bus over-voltage comparator
RS~
DSP reset input signal (see also WD signal)
RS~;93
Forces a DSP reset if WD signal holds too long (see also EDB
electrical char.)
Xtal1
PLL oscillator input pin
XTAL1;87
A 10Mhz oscillator at 100ppm frequency stability feeds this pin.
PLLF1
PLL filter input 1
PLLF;9
PLL filter for 40Mhz DSP clock frequency
PLLF2
PLL filter input 2
PLLF2;8
PLL filter for 40Mhz DSP clock frequency
PDPINTB
External protection interrupt for EVB
PDPINTB~;95
Not used pull up 4.7K to 3.3V
~ indicates active low signals


Similar Part No. - PIIPM50E06M004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
More results

Similar Description - PIIPM50E06M004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com