Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIIPM50Q12C004 Datasheet(PDF) 3 Page - International Rectifier

Part # PIIPM50Q12C004
Description  Programmable Isolated IPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50Q12C004 Datasheet(HTML) 3 Page - International Rectifier

  PIIPM50Q12C004 Datasheet HTML 1Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 2Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 3Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 4Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 5Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 6Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 7Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 8Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.irf.com
3
PIIPM50P12B004
I27146 01/03
Signal pins on RS422 serial port
Symbol
Lead Description
Pin number
Vin iso
External 5V supply voltage for opto-couplers and line driver supply
6
GND iso
Extenal 5V supply ground reference for opto-couplers and line driver supply
7
Tx+
RS422 Trasmitter Non inverting Driver Output
1
Tx-
RS422 Trasmitter Inverting Driver Output
2
Rx+
RS422 Receiver Non inverting Driver Input,
4
Rx-
RS422 Receiver Inverting Driver Input
3
Enc1 – Hall1 / SpiCK
Incremental Encoder 1 / Hall effect sensor input 1/ SpiCK input (GND iso referenced)
5
Enc2 – Hall2 / SpiSTE Incremental Encoder 2 / Hall effect sensor input 2 / SpiSTE input (GND iso referenced)
9
Strb – Hall3 / SpiRx
Incremental Encoder Strobe / Hall effect sensor input 3 / SpiRx input (GND iso ref.)
10
SpiTx
SpiTx output (GND iso referenced)
8
Vin
External 15V supply voltage. Internally referred to DC bus minus pin (DC -)
17-18
COM
External 15V supply ground reference. This pin is directly connected to DC -
19-20
RS422
serial
port
Signal pins on IEEE1149.1 JTAG connector
Symbol
Lead Description
State
Pin number
TMS
JTAG test mode select
Input
12
TMS2
JTAG test mode select 2
Input
5-6
TDI
JTAG test data input
Input
14
TDO
JTAG test data output
Output
13
TCK
JTAG test clock. TCK is a 10MHz clock source from the emulation pod. This
signal can be used to drive the system test clock.
Input
15
TRST~
JTAG test reset
Input
11
EMU0
Emulation pin 0
I/O
9-10
EMU1/OFF~
Emulation pin 1
I/O
7-8
PD
Presence detect.
Indicates that the emulation cable is connected and that the PI-IPM logic is
powered up. PD is tied to the DSP 3.3V supply through a 1k resistor.
Output
1
TCK_RET
JTAG test clock return. Test clock input to the emulator.
Internally short circuited to TCK.
Output
16
Boot-En
Boot ROM enable. This pin is sampled during DSP reset, pulling it low
enables DSP boot ROM (Flash versions only). 47k internal pull up.
Input
17
COM
External 15V supply ground reference. This pin is directly connected to DC -
N/A
20
IEEE1149.1
JTAG


Similar Part No. - PIIPM50Q12C004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
More results

Similar Description - PIIPM50Q12C004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com