Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD745 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # BD745
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD745 Datasheet(HTML) 2 Page - Power Innovations Ltd

  BD745 Datasheet HTML 1Page - Power Innovations Ltd BD745 Datasheet HTML 2Page - Power Innovations Ltd BD745 Datasheet HTML 3Page - Power Innovations Ltd BD745 Datasheet HTML 4Page - Power Innovations Ltd BD745 Datasheet HTML 5Page - Power Innovations Ltd BD745 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD745, BD745A, BD745B, BD745C
NPN SILICON POWER TRANSISTORS
2
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
IB = 0
(see Note 5)
BD745
BD745A
BD745B
BD745C
45
60
80
100
V
ICBO
Collector cut-off
current
VCE = 50 V
VCE = 70 V
VCE = 90 V
VCE = 110 V
VCE = 50 V
VCE = 70 V
VCE = 90 V
VCE = 110 V
VBE = 0
VBE = 0
VBE = 0
VBE = 0
VBE = 0
VBE = 0
VBE = 0
VBE = 0
TC = 125°C
TC = 125°C
TC = 125°C
TC = 125°C
BD745
BD745A
BD745B
BD745C
BD745
BD745A
BD745B
BD745C
0.1
0.1
0.1
0.1
5
5
5
5
mA
ICEO
Collector cut-off
current
VCE = 30 V
VCE = 60 V
IB = 0
IB = 0
BD745/745A
BD745B/745C
0.1
0.1
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
0.5
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
VCE =
4 V
IC = 1 A
IC = 5 A
IC = 20 A
(see Notes 5 and 6)
40
20
5
150
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.5 A
IB =
5 A
IC = 5 A
IC = 20 A
(see Notes 5 and 6)
1
3
V
VBE
Base-emitter
voltage
VCE =
4 V
VCE =
4 V
IC = 5 A
IC = 20 A
(see Notes 5 and 6)
1
3
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC = 1 A
f = 1 kHz
25
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 1 A
f = 1 MHz
5
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.1
°C/W
RθJA
Junction to free air thermal resistance
35.7
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
IC = 5 A
VBE(off) = -4.2 V
IB(on) = 0.5 A
RL = 6 Ω
IB(off) = -0.5 A
tp = 20 µs, dc ≤ 2%
20
ns
tr
Rise time
350
ns
ts
Storage time
500
ns
tf
Fall time
400
ns


Similar Part No. - BD745

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD745 BOURNS-BD745 Datasheet
109Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD745 ISC-BD745 Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BD745 SAVANTIC-BD745 Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD745 NJSEMI-BD745 Datasheet
138Kb / 2P
   Silicon NPN Power Transistor
logo
Bourns Electronic Solut...
BD745A BOURNS-BD745A Datasheet
109Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BD745

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com