Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD652 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # BD652
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD652 Datasheet(HTML) 3 Page - Power Innovations Ltd

  BD652 Datasheet HTML 1Page - Power Innovations Ltd BD652 Datasheet HTML 2Page - Power Innovations Ltd BD652 Datasheet HTML 3Page - Power Innovations Ltd BD652 Datasheet HTML 4Page - Power Innovations Ltd BD652 Datasheet HTML 5Page - Power Innovations Ltd BD652 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MAY 1993 - REVISED MARCH 1997
BD646, BD648, BD650, BD652
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
50000
100
1000
10000
TCS135AD
T
C = -40°C
T
C =
25°C
T
C = 100°C
V
CE =
-3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
-2·0
-1·5
-1·0
-0·5
TCS135AB
T
C = -40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
-3·0
-2·5
-2·0
-1·5
-1·0
-0·5
TCS135AC
T
C = -40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Similar Part No. - BD652

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BD652 TRSYS-BD652 Datasheet
452Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD652 BOURNS-BD652 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BD652 ISC-BD652 Datasheet
108Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
BD652 SAVANTIC-BD652 Datasheet
94Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD652 COMSET-BD652 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results

Similar Description - BD652

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com