Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC16244 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74AVC16244
Description  2.5V 16-Bit Buffer Driver with 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16244 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74AVC16244_06 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16244_06 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PS8507B
05/31/06
PI74AVC+16244
2.5V 16-Bit Buffer Driver
with 3-State Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
V C
C
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
O
I H
O
0
0
1
=
μAV
6
.
3
o
t
V
4
.
1V C
C
V
2
.
0
V
I
S
H
O
4
=m
V
A
H
I
V
1
9
.
0
=V
4
.
15
0
.
1
I
S
H
O
6
=m
V
A
H
I
V
7
0
.
1
=V
5
6
.
12
.
1
I
S
H
O
2
1
=m
V
A
H
I
V
7
.
1
=V
3
.
25
7
.
1
I
S
H
O
4
2
=m
V
A
H
I
V
2
=V
30
.
2
V L
O
I S
L
O
0
0
1
=
μAV
6
.
3
o
t
V
4
.
12
.
0
I S
L
O
4
=m
V
A
L
I
V
9
4
.
0
=V
4
.
14
.
0
I S
L
O
6
=m
V
A
L
I
V
7
5
.
0
=V
5
6
.
15
4
.
0
I S
L
O
2
1
=m
V
A
L
I
V
7
.
0
=V
3
.
25
5
.
0
I S
L
O
4
2
=m
V
A
L
I
V
8
.
0
=V
38
.
0
II
VI V
=
C
C
D
N
G
r
oV
6
.
35
.
2
±
A
μ
I F
F
O
VI
V
r
o
O
V
6
.
3
=0
0
1
±
I Z
O
VO
V
=
C
C
D
N
G
r
oV
6
.
30
1
±
I C
C
VI V
=
C
C
I
D
N
G
r
o
O
0
=V
6
.
30
4
CI
s
t
u
p
n
I
l
o
r
t
n
o
C
VI V
=
C
C
D
N
G
r
o
V
5
.
25
.
3
F
p
V
3
.
35
.
3
s
t
u
p
n
I
a
t
a
D
V
5
.
26
V
3
.
36
CO
s
t
u
p
t
u
O
VO
V
=
C
C
D
N
G
r
oV
5
.
25
.
6
V
3
.
35
.
6
Notes:
1. Typical values are measured at TA = 25°C.
DC Electrical Characteristics (Over the Operating Range, TA=–40°C+85°C)
06-0164


Similar Part No. - PI74AVC16244_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16244A PERICOM-PI74AVC16244A Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244K PERICOM-PI74AVC16244K Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
More results

Similar Description - PI74AVC16244_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com