Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C32X384BE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C32X384BE
Description  20-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C32X384BE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C32X384BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI5C32X384/PI5C32X384C
20-Bit, 2-Port Bus Switch
2
PS7027G
05/11/06
Storage Temperature .............................................................–65°C to +150°C
Ambient Temperature with Power Applied ............................–40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ......–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ...–0.5V to +7.0V
DC Input Voltage .....................................................................–0.5V to +7.0V
DC Output Current................................................................................120mA
Power Dissipation ....................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Truth Table(1)
Function
BEA
BEB
B4-B0
B19-B15
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A4-A0
Hi-Z
Connect
H
L
Hi-Z
A19-A15
Connect
L
L
A4-A0
A19-A15
Function
BEC
BED
B9-B5
B14-B10
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A9-A5
Hi-Z
Connect
H
L
Hi-Z
A14-A10
Connect
L
L
A9-A5
A14-A10
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±5%)
Parameters
Description
Test Condidtions(1)
Min.
Typ.(2) Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
mA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current
0 ≤ (A, B) (C, D) ≤ VCC
±1
IOS
Short Circut Current(3)
A,B (C, D) = 0V, C, D (A, B) = VCC
300
mV
VH
Input Hysteresis at Control Pins
VCC = Min., VIN = 0.0V, ION = 48mA
5
7
RON
Switch On-Resistance(4)
VCC = Min., VIN = 2.4V, ION = 15mA
10
15
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between AB and CD pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A or B, C or D) pins.
06-0237


Similar Part No. - PI5C32X384BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X384BE PERICOM-PI5C32X384BE Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C32X384BE

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com