Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C16215CB Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C16215CB
Description  20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16215CB Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C16215CB Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16215CB Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16215CB Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16215CB Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16215CB Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8369B
12/15/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C16215C
20-Bit,HotInsertion,BusSwitchwith
PrechargedOutputs&UndershootProtection
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Ph
t
d
i
W
B
C
5
1
2
6
1
C
5
I
P)
8
4
B
(
P
O
S
Q
B
-
8
4li
m
-
0
5
1
A
C
5
1
2
6
1
C
5
I
P)
8
4
A
(
P
O
S
S
T
-
8
4li
m
-
0
4
2
OrderingInformation
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
0.20
0.51
1.01
0.25
0.381
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.02
.04
.015
.025
x 45˚
.025 BSC
0.635
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.395
.420
10.03
10.67
.620
.630
15.75
16.00
.008
.0135
0.20
0.34
1
48
Nom.
Max
48-pinSSOP(V)
ApplicationsInformation
Logic Inputs
The logic control inputs can be driven up to +5.5V regardless of the
supplyvoltage. Forexample,givena+5.0Vsupply,INmaybedriven
lowto0Vandhighto5.5V. DrivingINRail-to-Rail®minimizespower
consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS
devices. Always apply VCC before applying signals to the bias
voltage pin and the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd


Similar Part No. - PI5C16215CB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
PI5C16211A PERICOM-PI5C16211A Datasheet
115Kb / 3P
   24-Bit Bus Switch
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
PI5C16211K PERICOM-PI5C16211K Datasheet
115Kb / 3P
   24-Bit Bus Switch
More results

Similar Description - PI5C16215CB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16215 PERICOM-PI3B16215 Datasheet
560Kb / 5P
   3.3V, Hot Insertion, 20-Bit FET BusSwitch w/Precharged Outputs
logo
NXP Semiconductors
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
   20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Pericom Semiconductor C...
PI3B16211 PERICOM-PI3B16211 Datasheet
146Kb / 5P
   3.3V, Hot Insertion, 24-Bit BusSwitch
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com