Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD249C Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # BD249C
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD249C Datasheet(HTML) 5 Page - Power Innovations Ltd

  BD249C Datasheet HTML 1Page - Power Innovations Ltd BD249C Datasheet HTML 2Page - Power Innovations Ltd BD249C Datasheet HTML 3Page - Power Innovations Ltd BD249C Datasheet HTML 4Page - Power Innovations Ltd BD249C Datasheet HTML 5Page - Power Innovations Ltd BD249C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
JUNE 1973 - REVISED MARCH 1997
BD249, BD249A, BD249B, BD249C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
SOT-93
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
SOT-93
ALL LINEAR DIMENSIONS IN MILLIMETERS
4,90
4,70
1,37
1,17
0,78
0,50
2,50 TYP.
15,2
14,7
12,2 MAX.
16,2 MAX.
18,0 TYP.
31,0 TYP.
1,30
1,10
11,1
10,8
4,1
4,0
3,95
4,15
1
2
3
NOTE A: The centre pin is in electrical contact with the mounting tab.
MDXXAW
ø


Similar Part No. - BD249C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD249C MOSPEC-BD249C Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
logo
Bourns Electronic Solut...
BD249C BOURNS-BD249C Datasheet
109Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD249C SAVANTIC-BD249C Datasheet
145Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BD249C ONSEMI-BD249C Datasheet
194Kb / 6P
   NPN High?뭁ower Transistor
August, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
BD249C ISC-BD249C Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD249C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com