Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21563-SP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21563-SP
Description  AC100V~200V inverter drive for small power motor control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21563-SP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21563-SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21563-SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21563-SP
TRANSFER-MOLD TYPE
INSULATED TYPE
Jul. 2005
Note 6: Measurement point of heat-sink flatness
+ –
Heat-sink side
Heat-sink side
Measurement location
3mm
+
Mounting screw : M3
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
–50
Unit
20
0.98
100
N·m
g
µm
Recommended : 0.78 N·m
(Note 6)
Applied between P-NU, NV, NW
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
For each input signal, Tf
≤ 100°C
Tf
≤ 100°C, Tj ≤ 125°C
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal output
Tf
≤ 100°C, Tj ≤ 125°C
(Note 7)
(Note 8)
200
≤ VCC ≤ 350V,
13.5
≤ VD ≤ 16.5V,
13.0
≤ VDB ≤ 18.5V,
–20
°C ≤ Tf ≤ 100°C,
N-line wiring inductance less than
10nH
(Note 9)
between VNC-NU, NV, NW (including surge)
RECOMMENDED OPERATION CONDITIONS
400
16.5
18.5
1
20
6.5
4.0
5.0
V
V
V
V/
µs
µs
kHz
Arms
µs
V
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Allowable r.m.s. current
Allowable minimum input
pulse width
VNC variation
VCC
VD
VDB
tdead
fPWM
IO
PWIN(on)
PWIN(off)
VNC
0
13.5
13.0
–1
1.5
0.3
0.5
0.5
0.7
–5.0
Parameter
Symbol
Condition
Max.
Min.
Typ.
Unit
Recommended value
300
15.0
15.0
∆VD, ∆VDB
Note 7 : The allowable r.m.s. current value depends on the actual application conditions.
8: The input pulse width less than PWIN(on) might make no response.
9: IPM might not work properly or make response for the input signal with OFF pulse width less than PWIN(off).
Please refer to Fig.5.
fPWM = 5kHz
fPWM = 15kHz
Below rated current
Between rated current and
1.7 times of rated current
Between 1.7 times and
2.0 times of rated current


Similar Part No. - PS21563-SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
More results

Similar Description - PS21563-SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21661-FR MITSUBISHI-PS21661-FR Datasheet
540Kb / 10P
   AC100V~200V, three-phase inverter drive for small power motor control.
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com