Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS12033 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS12033
Description  Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS12033 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS12033 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12033
FLAT-BASE TYPE
INSULATED TYPE
Mar. 2002
PS12033
INTEGRATED FUNCTIONS AND FEATURES
• Converter bridge for 3 phase AC-to-DC power conversion.
• 3 phase IGBT inverter bridge configured by the latest 3rd.
generation IGBT and diode technology.
• Inverter output current capability IO (Note 1):
APPLICATION
Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and
motors with built-in small size inverter package
PACKAGE OUTLINES
Type Name
PS12033
IO (100%)
1.8Arms
IO (150%; 60sec)
2.7Arms
Motor Rating
0.4 kW/400V AC
(Note 1) : The inverter output current is assumed to be sinu-
soidal and the peak current value of each of the
above loading cases is defined as : IOP = IO
× √2,
TC < 100
°C
(Fig. 1)
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12033
FLAT-BASE TYPE
INSULATED TYPE
Terminals Assignment :
1. P2
2. P1
3. R
4. S
5. T
6. N1
7. N2
8. U
9. V
10. W
11. FO
12. Vamp
13. GND
14. WN
15. VN
16. UN
17. WP
18. VP
19. UP
20. TH
21. VD
22. NC
23. CBW–
24. CBW+
25. CBV–
26. CBV+
27. CBU–
28. CBU+
1.4
3
1
15
11.5
69
4-
φ4
30.48
22.86
12
33.5
2 6
24
22
6.5
79
2.5
2.5
2
8.5
95
±0.2
–0.4
0
103
0.5
(13.04) 9
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(22)
(23)
(25)
(28)
7.62
4-R2
8-R1
4-R4
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS:
• P-Side IGBTs : Drive circuit, high-level-shift circuit, Bootstrap circuit supply scheme for single control-power-source drive, and Under
voltage (UV) protection,
• N-Side IGBTs : Drive circuit, DC-Link current sense and amplifier circuits for over-current protection, Control-supply under-voltage
(UV) protection, and fault output (FO) signaling circuit.
• Fault Output :
N-side IGBT short circuit (SC), over-current (OC), and control supply under-voltage (UV).
• Inverter Analog Current Sense : N-Side IGBT DC-Link Current Sense.
• Input Interface : 5V CMOS/TTL compatible, Schmitt Trigger input, and Arm-Shoot-Through interlock protective function.


Similar Part No. - PS12033

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12033 POWEREX-PS12033 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
More results

Similar Description - PS12033

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
   Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
   Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11034 MITSUBISHI-PS11034 Datasheet
118Kb / 5P
   Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
   Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11035 MITSUBISHI-PS11035 Datasheet
118Kb / 5P
   Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
PS12013-A MITSUBISHI-PS12013-A Datasheet
394Kb / 6P
   Acoustic noise-less 0.4kW/AC400V Class 3 Phase inverter and other motor control applications
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
   Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com