Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS12033 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PS12033
Description  Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS12033 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PS12033 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS12033 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12033
FLAT-BASE TYPE
INSULATED TYPE
Mar. 2002
TOTAL SYSTEM
(Note 2) : The indicated values are specified considering the safe operation of all the parts within the ASIPM. The max. ratings for the ASIPM
power chips (IGBT & FWDi) is Tj < 150.
THERMAL RESISTANCE
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, VD = 15V, VDB = 15V unless otherwise noted)
Condition
Symbol
Item
Ratings
Unit
(Note 2)
(Fig. 3)
60 Hz sinusoidal AC applied between all terminals and
the base plate for 1 minute.
Mounting screw: M3.5
Tj
Tstg
TC
VISO
Junction temperature
Storage temperature
Module case operating temperature
Isolation voltage
Mounting torque
–20 ~ +125
–40 ~ +125
–20 ~ +100
2500
0.78 ~ 1.27
°C
°C
°C
Vrms
N·m
Condition
Symbol
Item
Ratings
Inverter IGBT (1/6)
Inverter FWDi (1/6)
Converter Di (1/6)
Case to fin, thermal grease applied (1 Module)
Rth(jc)Q
Rth(jc)F
Rth(jc)FR
Rth(cf)
Junction to case Thermal
Resistance
Contact Thermal Resistance
Min.
°C/W
°C/W
°C/W
°C/W
Typ.
Max.
2.5
4.5
2.5
0.05
Unit
Short circuit endurance
(Output, Arm, and Load, Short Circuit Modes)
Switching SOA
Tj = 25
°C, Input = ON, Ic = 5A, VD = VDB = 15V
(Shunt voltage drop not included)
Tj = 25
°C, –IC = 5A
Tj = 25
°C, IFR = 5A
VR = VRRM, Tj = 125
°C
1/2 Bridge inductive, Input = 5V
↔ 0V
VCC = 600V, IC = 5A, Tj = 125
°C
VD = 15V, VDB = 15V
Note: ton, toff include delay time of the internal control
circuit.
Condition
Symbol
Item
Ratings
Min.
V
V
V
mA
µs
µs
µs
µs
µs
Typ.
Max.
0.3
1.2
0.5
2.2
0.9
0.2
3.6
3.5
1.5
8
2.0
1.4
4.0
1.6
• No destruction
• FO output by protection operation
• No destruction
• No protecting operation
• No FO output
Collector-emitter saturation
voltage
FWDi forward voltage
Converter diode voltage
Converter diode reverse current
Switching times
FWDi reverse recovery time
VCE(sat)
VEC
VFR
IRRM
ton
tc(on)
toff
tc(off)
trr
@VCC
≤ 800V, Input = 5V → 0V (One-Shot)
–20˚C
≤ Tj(start) ≤ 125°C, 13.5V ≤ VD = VDB ≤ 16.5V
@VCC
≤ 800V, Input = 5V ↔ 0V, Tj ≤ 150°C
IC < OC trip level, 13.5V
≤ VD = VDB ≤ 16.5V
Unit
(Fig. 3)
CASE TEMPERATURE MEASUREMENT POINT
TC
LABEL


Similar Part No. - PS12033

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12033 POWEREX-PS12033 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
More results

Similar Description - PS12033

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
   Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
   Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11034 MITSUBISHI-PS11034 Datasheet
118Kb / 5P
   Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
   Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11035 MITSUBISHI-PS11035 Datasheet
118Kb / 5P
   Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
PS12013-A MITSUBISHI-PS12013-A Datasheet
394Kb / 6P
   Acoustic noise-less 0.4kW/AC400V Class 3 Phase inverter and other motor control applications
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
   Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com