Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM800HSA060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM800HSA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM800HSA060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM800HSA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM800HSA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM800HSA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM800HSA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM800HSA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM800HSA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sep.2000
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ Tj ≤ 125°C, VD = 15V
1000
1350
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ Tj ≤ 125°C, VD = 15V
1350
1870
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
5
µs
Over Temperature Protection
OT
Trip Level
100
110
120
°C
OTr
Reset Level
85
95
105
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVr
Reset Level
12.5
Volts
Supply Voltage
VD
Applied between V1-VC
13.5
15
16.5
Volts
Circuit Current
ID
VD = 15V, VCIN = 5V
23
30
mA
Input ON Threshold Voltage
Vth(on)
Applied between C1-VC
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
Applied between C1-VC
1.7
2.0
2.3
Volts
PWM Input Frequency
fPWM
3-
φ Sinusoidal
15
20
kHz
Arm Shoot-through Blocking Time
tdead
At IPM's Input Terminals
3.5
µs
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
ms
SR Terminal Output Voltage
VSR
-20
°C ≤ Tj ≤ 125°C, Rin = 6.8kΩ
4.5
5.1
5.6
Volts
MITSUBISHI INTELLIGENT POWER MODULES
PM800HSA060
FLAT-BASE TYPE
INSULATED PACKAGE


Similar Part No. - PM800HSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM800HSA060 MITSUBISHI-PM800HSA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM800HSA060 MITSUBISHI-PM800HSA060 Datasheet
55Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM800HSA060 POWEREX-PM800HSA060 Datasheet
68Kb / 6P
   Intellimod??Module Half Phase IGBT Inverter Output (800 Amperes/600 Volts)
More results

Similar Description - PM800HSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com